Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 123Page - STMicroelectronics STM32F398VE Datasheet HTML 124Page - STMicroelectronics STM32F398VE Datasheet HTML 125Page - STMicroelectronics STM32F398VE Datasheet HTML 126Page - STMicroelectronics STM32F398VE Datasheet HTML 127Page - STMicroelectronics STM32F398VE Datasheet HTML 128Page - STMicroelectronics STM32F398VE Datasheet HTML 129Page - STMicroelectronics STM32F398VE Datasheet HTML 130Page - STMicroelectronics STM32F398VE Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 151 page
background image
DocID027227 Rev 2
127/151
STM32F398VE
Electrical characteristics
142
CAN (controller area network) interface
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
6.3.19
ADC characteristics
Unless otherwise specified, the parameters given in Table 73 to Table 76 are guaranteed by
design, with conditions summarized in Table 18.
Table 73. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC
-1.8
-
3.6
V
IDDA
Current on VDDA pin
(see Figure 41)
Single-ended mode,
5 MSPS
-
907
1033
µA
Single-ended mode,
1 MSPS
-
194
285.5
Single-ended mode,
200 KSPS
-51.5
70
Differential mode,
5 MSPS
-
887.5
1009
Differential mode,
1 MSPS
-
212
285
Differential mode,
200 KSPS
-51
69.5
IREF
Current on VREF+ pin
(see Figure 42)
Single-ended mode,
5 MSPS
-
104
139
µA
Single-ended mode,
1 MSPS
-20.4
37
Single-ended mode,
200 KSPS
-
3.3
11.3
Differential mode,
5 MSPS
-
174
235
Differential mode,
1 MSPS
-34.6
52.6
Differential mode,
200 KSPS
-6
13.6
VREF+
Positive reference voltage
-
2
-
VDDA
V
fADC
ADC clock frequency
-
0.14
-
72
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com