Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 134Page - STMicroelectronics STM32F398VE Datasheet HTML 135Page - STMicroelectronics STM32F398VE Datasheet HTML 136Page - STMicroelectronics STM32F398VE Datasheet HTML 137Page - STMicroelectronics STM32F398VE Datasheet HTML 138Page - STMicroelectronics STM32F398VE Datasheet HTML 139Page - STMicroelectronics STM32F398VE Datasheet HTML 140Page - STMicroelectronics STM32F398VE Datasheet HTML 141Page - STMicroelectronics STM32F398VE Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 151 page
background image
Electrical characteristics
STM32F398VE
138/151
DocID027227 Rev 2
tSTART
Comparator startup time
VDDA  2.7 V
-
-
4
µs
VDDA  2.7 V
-
-
10
tD
Propagation delay for
200 mV step with 100 mV
overdrive
VDDA  2.7 V
-
25
28
ns
VDDA  2.7 V
-
28
30
Propagation delay for full
range step with 100 mV
overdrive
VDDA  2.7 V
-
32
35
VDDA  2.7 V
-
35
40
VOFFSET
Comparator offset error
VDDA  2.7 V
-
5
10
mV
VDDA  2.7 V
-
-
25
TVOFFSET Total offset variation
Full temperature range
-
-
3
mV
IDDA
COMP current
consumption
-
-
400
600
µA
1. Guaranteed by design, not tested in production.
Table 79. Comparator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com