Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162RC Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32L162RC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RC Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32L162RC Datasheet HTML 115Page - STMicroelectronics STM32L162RC Datasheet HTML 116Page - STMicroelectronics STM32L162RC Datasheet HTML 117Page - STMicroelectronics STM32L162RC Datasheet HTML 118Page - STMicroelectronics STM32L162RC Datasheet HTML 119Page - STMicroelectronics STM32L162RC Datasheet HTML 120Page - STMicroelectronics STM32L162RC Datasheet HTML 121Page - STMicroelectronics STM32L162RC Datasheet HTML 122Page - STMicroelectronics STM32L162RC Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 123 page
background image
DocID022881 Rev 10
119/123
STM32L162VC, STM32L162RC
122
06-Nov-2013
5
Added the UGBGA100 package.
Updated IDD (WU from Standby) unit in Table 23: Typical and
maximum current consumptions in Standby mode.
Updated Figure 6: Pin loading conditions.
Updated Figure 7: Pin input voltage.
Updated Figure 14: Typical application with a 32.768 kHz crystal.
Updated Figure 24: Recommended NRST pin protection.
Updated Figure 25: I2C bus AC waveforms and measurement circuit.
Updated Table 70: Temperature sensor calibration values and moved
inside Section 6.3.23: Temperature sensor characteristics.
Updated Table 16: Embedded internal reference voltage calibration
values and moved inside Section 6.3.3: Embedded internal reference
voltage.
Updated Chapter 3.15: Touch sensing.
Updated Figure 9: Power supply scheme.
Updated Table 11: Voltage characteristics added row.
Updated Table 12: Current characteristics replaced with the one inside
STM32L15xxBxxA datasheet.
Updated Table 14: General operating conditions, footnote and added
row.
Updated Section 6.3.4: Supply current characteristics.
Updated Table 18: Current consumption in Run mode, code with data
processing running from Flash.
Updated Table 21: Current consumption in Run mode, code with data
processing running from RAM.
Created Section 6.3.5: Wakeup time from low-power mode.
Updated Chapter 6.3.6: External clock source characteristics.
Updated Table 27: High-speed external user clock characteristics.
Moved Figure 12: High-speed external clock source AC timing diagram
after Table 27: High-speed external user clock characteristics.
Updated Table 29: HSE oscillator characteristics.
Updated Chapter 6.3.12: Electrical sensitivity characteristics (title).
Updated Chapter 6.3.13: I/O current injection characteristics.
Updated Table 50: I/O current injection susceptibility and added
footnote.
Updated Chapter 6.3.15: NRST pin characteristics.
Replaced Table 54: NRST pin characteristics with the one from
STM32L15xxBxxA datasheet.
Updated Table 65: ADC characteristics.
Updated direct channels VDDA range in Table 67: RAIN max for fADC =
16 MHz.
Table 72. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com