Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162RC Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32L162RC
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RC Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32L162RC Datasheet HTML 115Page - STMicroelectronics STM32L162RC Datasheet HTML 116Page - STMicroelectronics STM32L162RC Datasheet HTML 117Page - STMicroelectronics STM32L162RC Datasheet HTML 118Page - STMicroelectronics STM32L162RC Datasheet HTML 119Page - STMicroelectronics STM32L162RC Datasheet HTML 120Page - STMicroelectronics STM32L162RC Datasheet HTML 121Page - STMicroelectronics STM32L162RC Datasheet HTML 122Page - STMicroelectronics STM32L162RC Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 123 page
background image
DocID022881 Rev 10
121/123
STM32L162VC, STM32L162RC
122
19-May-2014
6
(continued)
Updated Table 48: I2C characteristics.
Removed minimum values for fS in Table 56: ADC characteristics.
Updated Output impedance values in Table 59: DAC characteristics.
Moved Table 61: Temperature sensor calibration values from
Section 3.10.1: Temperature sensor to Section 6.3.20: Temperature
sensor characteristics and updated the table. Removed note 4 in
Table 62: Temperature sensor characteristics.
Modified General PCB design guidelines.
Removed figures “Power supply and reference decoupling (VREF+ not
connected to VDDA) and “Power supply and reference decoupling
(VREF+ connected to VDDA)”.
Updated Figure 26: Typical connection diagram using the ADC.
Added “Marking of engineering samples” sections in Figure : In order
to meet environmental requirements, ST offers these devices in
different grades of ECOPACK® packages, depending on their level of
environmental compliance. ECOPACK® specifications, grade
definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark..
Updated the conditions in Table 26: Low-power mode wakeup timings.
Removed ambiguity of “ambient temperature” in the electrical
characteristics description.
13-Oct-2014
7
Updated Section 3.18: Communication interfaces putting I2S
characteristics inside.
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated Table 9: STM32L162xC pin definitions with additional
functions column.
Updated current consumption in Table 20: Current consumption in
Sleep mode.
Updated Table 25: Peripheral current consumption with new measured
current values.
Updated Table 58: Maximum source impedance RAIN max adding
note 2.
06-Mar-2015
8
Updated Section 7: Package information with new package device
marking.
Updated Figure 6: Memory map.
Table 72. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com