Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L432KB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L432KB
Description  Batch acquisition mode
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L432KB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L432KB Datasheet HTML 6Page - STMicroelectronics STM32L432KB Datasheet HTML 7Page - STMicroelectronics STM32L432KB Datasheet HTML 8Page - STMicroelectronics STM32L432KB Datasheet HTML 9Page - STMicroelectronics STM32L432KB Datasheet HTML 10Page - STMicroelectronics STM32L432KB Datasheet HTML 11Page - STMicroelectronics STM32L432KB Datasheet HTML 12Page - STMicroelectronics STM32L432KB Datasheet HTML 13Page - STMicroelectronics STM32L432KB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
Description
STM32L432KB STM3L432KC
10/149
DocID028798 Rev 2
2
Description
The STM32L432xx devices are the ultra-low-power microcontrollers based on the high-
performance ARM® Cortex®-M4 32-bit RISC core operating at a frequency of up to 80 MHz.
The Cortex-M4 core features a Floating point unit (FPU) single precision which supports all
ARM single-precision data-processing instructions and data types. It also implements a full
set of DSP instructions and a memory protection unit (MPU) which enhances application
security.
The STM32L432xx devices embed high-speed memories (Flash memory up to 256 Kbyte,
64 Kbyte of SRAM), a Quad SPI flash memories interface and an extensive range of
enhanced I/Os and peripherals connected to two APB buses, two AHB buses and a 32-bit
multi-AHB bus matrix.
The STM32L432xx devices embed several protection mechanisms for embedded Flash
memory and SRAM: readout protection, write protection, proprietary code readout
protection and Firewall.
The devices offer a fast 12-bit ADC (5 Msps), two comparators, one operational amplifier,
two DAC channels, a low-power RTC, one general-purpose 32-bit timer, one 16-bit PWM
timer dedicated to motor control, four general-purpose 16-bit timers, and two 16-bit low-
power timers.
In addition, up to 3 capacitive sensing channels are available.
They also feature standard and advanced communication interfaces.
Two I2Cs
Two SPIs
Two USARTs and one Low-Power UART.
One SAI (Serial Audio Interfaces)
One CAN
One USB full-speed device crystal less
One SWPMI (Single Wire Protocol Master Interface)
The STM32L432xx operates in the -40 to +85 °C (+105 °C junction), -40 to +105 °C
(+125 °C junction) and -40 to +125 °C (+130 °C junction) temperature ranges from a 1.71 to
3.6 V power supply. A comprehensive set of power-saving modes allows the design of low-
power applications.
Some independent power supplies are supported: analog independent supply input for
ADC, DAC, OPAMPs and comparators.
The STM32L432xx family offers a single 32-pin package.
Table 1. STM32L432Kx family device features and peripheral counts
Peripheral
STM32L432Kx
Flash memory
256KB
SRAM
64KB
Quad SPI
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com