Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L432KB Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32L432KB
Description  Batch acquisition mode
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L432KB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32L432KB Datasheet HTML 45Page - STMicroelectronics STM32L432KB Datasheet HTML 46Page - STMicroelectronics STM32L432KB Datasheet HTML 47Page - STMicroelectronics STM32L432KB Datasheet HTML 48Page - STMicroelectronics STM32L432KB Datasheet HTML 49Page - STMicroelectronics STM32L432KB Datasheet HTML 50Page - STMicroelectronics STM32L432KB Datasheet HTML 51Page - STMicroelectronics STM32L432KB Datasheet HTML 52Page - STMicroelectronics STM32L432KB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 149 page
background image
DocID028798 Rev 2
49/149
STM32L432KB STM3L432KC
Pinouts and pin description
57
24
PA14
(JTCK-
SWCLK)
I/O
FT
(3)
JTCK-SWCLK, LPTIM1_OUT,
I2C1_SMBA, SWPMI1_RX,
SAI1_FS_B, EVENTOUT
-
25
PA15
(JTDI)
I/O
FT
(3)
JTDI, TIM2_CH1, TIM2_ETR,
USART2_RX, SPI1_NSS,
SPI3_NSS,
USART3_RTS_DE,
TSC_G3_IO1,
SWPMI1_SUSPEND,
EVENTOUT
-
26
PB3
(JTDO-
TRACE
SWO)
I/O
FT_a (3)
JTDO-TRACESWO,
TIM2_CH2, SPI1_SCK,
SPI3_SCK,
USART1_RTS_DE,
SAI1_SCK_B, EVENTOUT
COMP2_INM
27
PB4
(NJTRST)
I/O
FT_fa (3)
NJTRST, I2C3_SDA,
SPI1_MISO, SPI3_MISO,
USART1_CTS, TSC_G2_IO1,
SAI1_MCLK_B, EVENTOUT
COMP2_INP
28
PB5
I/O
FT
-
LPTIM1_IN1, I2C1_SMBA,
SPI1_MOSI, SPI3_MOSI,
USART1_CK, TSC_G2_IO2,
COMP2_OUT, SAI1_SD_B,
TIM16_BKIN, EVENTOUT
-
29
PB6
I/O
FT_fa
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX, TSC_G2_IO3,
SAI1_FS_B, TIM16_CH1N,
EVENTOUT
COMP2_INP
30
PB7
I/O
FT_fa
-
LPTIM1_IN2, I2C1_SDA,
USART1_RX, TSC_G2_IO4,
EVENTOUT
COMP2_INM, PVD_IN
31
PH3/
BOOT0
I/O
FT
-
EVENTOUT
BOOT0
32
VSS
S
-
-
-
-
1VDD
S
-
-
-
-
1. PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of
current (3 mA), the use of GPIOs PC14 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After a Backup domain power-up, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the RTC registers which are not reset by the system reset. For details on how to manage these
GPIOs, refer to the Backup domain and RTC register descriptions in the RM0393 reference manual.
3. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on
PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are activated.
Table 13. STM32L432xx pin definitions (continued)
Pin
Number
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com