Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L432KB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L432KB
Description  Batch acquisition mode
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L432KB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L432KB Datasheet HTML 1Page - STMicroelectronics STM32L432KB Datasheet HTML 2Page - STMicroelectronics STM32L432KB Datasheet HTML 3Page - STMicroelectronics STM32L432KB Datasheet HTML 4Page - STMicroelectronics STM32L432KB Datasheet HTML 5Page - STMicroelectronics STM32L432KB Datasheet HTML 6Page - STMicroelectronics STM32L432KB Datasheet HTML 7Page - STMicroelectronics STM32L432KB Datasheet HTML 8Page - STMicroelectronics STM32L432KB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 149 page
background image
This is information on a product in full production.
May 2016
DocID028798 Rev 2
1/149
STM32L432KB STM3L432KC
Ultra-low-power ARM® Cortex®-M4 32-bit MCU+FPU, 100DMIPS,
up to 256KB Flash, 64KB SRAM, USB FS, analog, audio
Datasheet
- production data
Features
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/105/125 °C temperature range
– 8 nA Shutdown mode (2 wakeup pins)
– 28 nA Standby mode (2 wakeup pins)
– 280 nA Standby mode with RTC
– 1.0 µA Stop 2 mode, 1.28 µA Stop 2 with
RTC
– 84 µA/MHz run mode
– Batch acquisition mode (BAM)
– 4 µs wakeup from Stop mode
– Brown out reset (BOR) in all modes except
shutdown
– Interconnect matrix
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from Flash memory, frequency up to 80 MHz,
MPU, 100DMIPS/1.25DMIPS/MHz (Dhrystone
2.1), and DSP instructions
• Performance Benchmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 273.55 Coremark® (3.42 Coremark/MHz @
80 MHz)
• Energy Benchmark
– 176.7 ULPBench® score
• Clock Sources
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
– Internal 48 MHz with clock recovery
– 2 PLLs for system clock, USB, audio, ADC
• RTC with HW calendar, alarms and calibration
• Up to 3 capacitive sensing channels
• 11x timers: 1x 16-bit advanced motor-control,
1x 32-bit and 2x 16-bit general purpose, 2x 16-
bit basic, 2x low-power 16-bit timers (available
in Stop mode), 2x watchdogs, SysTick timer
• Up to 26 fast I/Os, most 5 V-tolerant
• Memories
– Up to 256 KB single bank Flash,
proprietary code readout protection
– 64 KB of SRAM including 16 KB with
hardware parity check
– Quad SPI memory interface
• Rich analog peripherals (independent supply)
– 1× 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 2x 12-bit DAC, low-power sample and hold
– 1x operational amplifier with built-in PGA
– 2x ultra-low-power comparators
• 13x communication interfaces
– USB 2.0 full-speed crystal less solution
with LPM and BCD
– 1x SAI (serial audio interface)
–2x I2C FM+(1 Mbit/s), SMBus/PMBus
– 3x USARTs (ISO 7816, LIN, IrDA, modem)
– 2x SPIs (3x SPIs with the Quad SPI)
– CAN (2.0B Active)
– SWPMI single wire protocol master I/F
– IRTIM (Infrared interface)
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• Development support: serial wire debug
(SWD), JTAG, Embedded Trace Macrocell™
UFQFPN32 (5x5)
www.st.com


Similar Part No. - STM32L432KB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L431 STMICROELECTRONICS-STM32L431 Datasheet
2Mb / 200P
RTC with HW calendar, alarms and calibration
31-May-2016
STM32L431RCI6 STMICROELECTRONICS-STM32L431RCI6 Datasheet
2Mb / 200P
RTC with HW calendar, alarms and calibration
31-May-2016
STM32L431XX STMICROELECTRONICS-STM32L431XX Datasheet
2Mb / 200P
RTC with HW calendar, alarms and calibration
31-May-2016
STM32L433CB STMICROELECTRONICS-STM32L433CB Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L433CB STMICROELECTRONICS-STM32L433CB Datasheet
4Mb / 227P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
01-Mar-2024
More results

Similar Description - STM32L432KB

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HSCH-5315 ASI-HSCH-5315 Datasheet
20Kb / 1P
BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
STMicroelectronics
AN4515 STMICROELECTRONICS-AN4515 Datasheet
876Kb / 24P
Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
19-Dec-2014
STM32L443CC STMICROELECTRONICS-STM32L443CC Datasheet
2Mb / 207P
Batch acquisition mode
23-May-2016
STM32L471XX STMICROELECTRONICS-STM32L471XX Datasheet
2Mb / 218P
Batch acquisition mode
Rev 1
STM32L486XX STMICROELECTRONICS-STM32L486XX Datasheet
2Mb / 233P
Batch acquisition mode
17-Jun-2016
logo
MKS Instruments.
PRECISIVE5-165 MKS-PRECISIVE5-165 Datasheet
372Kb / 2P
Continuous measurement instead of batch handling
logo
Pepperl+Fuchs Inc.
KC-LCD-24-24VDC PF-KC-LCD-24-24VDC Datasheet
824Kb / 2P
Pulse/batch controller
KCY1-6SR-B PF-KCY1-6SR-B Datasheet
333Kb / 2P
Pulse/batch controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com