Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3069 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3069
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3069 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3069 Datasheet HTML 1Page - National Semiconductor (TI) TP3069 Datasheet HTML 2Page - National Semiconductor (TI) TP3069 Datasheet HTML 3Page - National Semiconductor (TI) TP3069 Datasheet HTML 4Page - National Semiconductor (TI) TP3069 Datasheet HTML 5Page - National Semiconductor (TI) TP3069 Datasheet HTML 6Page - National Semiconductor (TI) TP3069 Datasheet HTML 7Page - National Semiconductor (TI) TP3069 Datasheet HTML 8Page - National Semiconductor (TI) TP3069 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH10578
September 1994
TP3069
‘‘Enhanced’’ Serial Interface
CMOS CODECFilter COMBO
General Description
The TP3069 (A-law) is a monolithic PCM CODECFilter uti-
lizing the AD and DA conversion architecture shown in
Figure 1 and a serial PCM interface The device is fabricat-
ed using National’s advanced double-poly CMOS process
(microCMOS)
Similar to the TP305X family this device features an addi-
tional Receive Power Amplifier to provide push-pull bal-
anced output drive capability The receive gain can be ad-
justed by means of two external resistors for an output level
of up to g66V across a balanced 600X load
Also included is an Analog Loopback switch and a TSX out-
put
Note
See also AN-370 ‘‘Techniques for Designing with CODECFilter
COMBO Circuits’’
Features
Y
Complete CODEC and filtering system including
Transmit high-pass and low-pass filtering
Receive low-pass filter with sin xx correction
Active RC noise filters
A-law compatible COder and DECoder
Internal precision voltage reference
Serial IO interface
Internal auto-zero circuitry
Receive push-pull power amplifiers
Y
Designed for D3D4 and CCITT applications
Y
g
5V operation
Y
Low operating powertypically 70 mW
Y
Power-down standby modetypically 3 mW
Y
Automatic power-down
Y
TTL or CMOS compatible digital interfaces
Y
Maximizes line interface card circuit density
COMBO
and TRI-STATE
are registered trademarks of National Semiconductor Corp
Block Diagram
TLH10578 – 1
FIGURE 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - TP3069

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TP3061 MOTOROLA-TP3061 Datasheet
118Kb / 6P
UHF POWER TRANSISTOR NPN SILICON
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064 Datasheet
347Kb / 20P
Enhanced Serial Interface CMOS CODEC/Filter COMBO
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064ADW TI-TP3064ADW Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP3069

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
SERIAL INTERFACE CODEC/FILTER
Mar-2000
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
PARALLEL INTERFACE CODEC/FILTER COMBO
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064_03 Datasheet
1Mb / 18P
SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
Sep-2003
logo
Texas Instruments
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
Enhanced Serial Interface CMOS CODEC/Filter COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com