Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3069 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3069
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3069 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TP3069 Datasheet HTML 6Page - National Semiconductor (TI) TP3069 Datasheet HTML 7Page - National Semiconductor (TI) TP3069 Datasheet HTML 8Page - National Semiconductor (TI) TP3069 Datasheet HTML 9Page - National Semiconductor (TI) TP3069 Datasheet HTML 10Page - National Semiconductor (TI) TP3069 Datasheet HTML 11Page - National Semiconductor (TI) TP3069 Datasheet HTML 12Page - National Semiconductor (TI) TP3069 Datasheet HTML 13Page - National Semiconductor (TI) TP3069 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Transmission Characteristics
Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC ea50V g5% VBB eb50V g5% TA e
0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits are assured by correlation with other
production tests andor product design and characterization GNDA e 0V f e 102 kHz VIN e 0 dbm0 transmit input amplifier
connected for unity gain non-inverting Typicals specified at VCC ea50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
Absolute Levels
Nominal 0 dBm0 Level is 4 dBm
(Definition of
(600X)
nominal gain)
0 dBm0
12276
Vrms
tMAX
Virtual Decision Value
Max Transmit Overload Level
Defined per CCITT Rec G711
TP3069 (314 dBm0)
2492
VPK
GXA
Transmit Gain Absolute
TAe25 C VCCe5V VBBeb5V
b
015
015
dB
GXR
Transmit Gain Relative to GXA
fe16 Hz
b
40
dB
fe50 Hz
b
30
dB
fe60 Hz
b
26
dB
fe200 Hz
b
18
b
01
dB
fe300 Hz-3000 Hz
b
015
015
dB
fe3300 Hz
b
035
005
dB
fe3400 Hz
b
07
0
dB
fe4000 Hz
b
14
dB
fe4600 Hz and Up Measure
b
32
dB
Response from 0 Hz to 4000 Hz
GXAT
Absolute Transmit Gain Variation
Relative to GXA
b
01
01
dB
with Temperature
GXAV
Absolute Transmit Gain Variation
Relative to GXA
b
005
005
dB
with Supply Voltage
GXRL
Transmit Gain Variations with
Sinusoidal Test Method
Level
Reference Leveleb10 dBm0
VFXIa eb40 dBm0 to a3 dBm0
b
02
02
dB
VFXIa eb50 dBm0 to b40 dBm0
b
04
04
dB
VFXIa eb55 dBm0 to b50 dBm0
b
12
12
dB
GRA
Receive Gain
TAe25 C VCCe5V VBBeb5V
Absolute
InputeDigital Code Sequence
for 0 dBm0 Signal
b
015
015
dB
GRR
Receive Gain Relative to GRA
fe0 Hz to 3000 Hz
b
015
015
dB
fe3300 Hz
b
035
005
dB
fe3400 Hz
b
07
0
dB
fe4000 Hz
b
14
dB
GRAT
Absolute Receive Gain Variation
Relative to GRA
b
01
01
dB
with Temperature
GRAV
Absolute Receive Gain Variation
Relative to GRA
b
005
005
dB
with Supply Voltage
GRRL
Receive Gain Variations with
Sinusoidal Test Method Reference
Level
Input PCM Code Corresponds to an
Ideally Encoded b 10 dBm0 Signal
PCM Leveleb40 dBm0 to a3 dBm0
b
02
02
dB
PCM Leveleb50 dBm0 to b40 dBm0
b
04
04
dB
PCM Leveleb55 dBm0 to b50 dBm0
b
12
12
dB
VRO
Receive Filter Output at VFRORLe10 kX
b
25
25
V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com