Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3069 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3069
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3069 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button TP3069 Datasheet HTML 9Page - National Semiconductor (TI) TP3069 Datasheet HTML 10Page - National Semiconductor (TI) TP3069 Datasheet HTML 11Page - National Semiconductor (TI) TP3069 Datasheet HTML 12Page - National Semiconductor (TI) TP3069 Datasheet HTML 13Page - National Semiconductor (TI) TP3069 Datasheet HTML 14Page - National Semiconductor (TI) TP3069 Datasheet HTML 15Page - National Semiconductor (TI) TP3069 Datasheet HTML 16Page - National Semiconductor (TI) TP3069 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Applications Information
POWER SUPPLIES
While the pins of the TP3060 family are well protected
against electrical misuse it is recommended that the stan-
dard CMOS practice be followed ensuring that ground is
connected to the device before any other connections are
made In applications where the printed circuit board may be
plugged into a ‘‘hot’’ socket with power and clocks already
present an extra long ground pin in the connector should
be used
All ground connections to each device should meet at a
common point as close as possible to the GNDA pin This
minimizes the interaction of ground return currents flowing
through a common bus impedance 01 mF supply decou-
pling capacitors should be connected from this common
ground point to VCC and VBB as close to the device as
possible
For best performance the ground point of each CODEC
FILTER on a card should be connected to a common card
ground in ‘‘STAR’’ formation rather than via a ground bus
This common ground point should be decoupled to VCC and
VBB with 10 mF capacitors
Note
See Application Note 370 for further details
Typical Asynchronous Application
TLH10578 – 6
Note 1
Transmit gain e 20 c log
R1aR2
R2
J (R1 a R2) t 10 kX
Note 2
Receive gain e 20 c log
2cR3
R4
J R4 t 10 kX
FIGURE 4
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com