Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F732ICI6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F732ICI6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICI6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F732ICI6 Datasheet HTML 1Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 2Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 3Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 4Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 5Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 6Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 7Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 8Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
For further information contact your local STMicroelectronics sales office.
September 2016
DocID028480 Rev 1
1/122
STM32F732xx
STM32F733xx
ARM®-based Cortex®-M7 32b MCU+FPU, 462DMIPS, up to 512KB
Flash/256+16+ 4KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com itf
Data brief
Features
• Core: ARM® 32-bit Cortex®-M7 CPU with FPU,
adaptive real-time accelerator (ART
Accelerator™) and L1-cache: 8 Kbytes of data
cache and 8 Kbytes of instruction cache,
allowing 0-wait state execution from embedded
Flash memory and external memories,
frequency up to 216 MHz, MPU,
462 DMIPS/2.14 DMIPS/MHz (Dhrystone 2.1)
and DSP instructions.
• Memories
– Up to 512 Kbytes of Flash memory with
protection mechanisms (read and write
protections, propriety code readout
protection (PCROP))
– 528 bytes of OTP memory
– SRAM: 256 Kbytes (including 64 Kbytes of
data TCM RAM for critical real-time data) +
16 Kbytes of instruction TCM RAM (for
critical real-time routines) + 4 Kbytes of
backup SRAM (available in the lowest
power modes)
– Flexible external memory controller with up
to 32-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• Dual mode Quad-SPI
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– Dedicated USB power
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC (1%
accuracy)
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Low-power
– Sleep, Stop and Standby modes
–VBAT supply for RTC, 32×32 bit backup
registers + 4 Kbytes of backup SRAM
• 3×12-bit, 2.4 MSPS ADC: up to 24 channels
and 7.2 MSPS in triple interleaved mode
• 2×12-bit D/A converters
• Up to 18 timers: up to thirteen 16-bit (1x low-
power 16-bit timer available in Stop mode) and
two 32-bit timers, each with up to 4
IC/OC/PWMs or pulse counter and quadrature
(incremental) encoder inputs. All 15 timers
running up to 216 MHz. 2x watchdogs, SysTick
timer
• General-purpose DMA: 16-stream DMA
controller with FIFOs and burst support
• Debug mode
– SWD & JTAG interfaces
–Cortex®-M7 Trace Macrocell™
• Up to 140 I/O ports with interrupt capability
– Up to 136 fast I/Os up to 108 MHz
– Up to 138 5 V-tolerant I/Os
• Up to 21 communication interfaces
– Up to 3× I2C interfaces (SMBus/PMBus)
– Up to 4 USARTs/4 UARTs (27 Mbit/s,
ISO7816 interface, LIN, IrDA, modem
control)
– Up to 5 SPIs (up to 50 Mbit/s), 3 with
muxed simplex I2Ss for audio class
accuracy via internal audio PLL or external
clock
– 2 x SAIs (serial audio interface)
LQFP64 (10 × 10 mm)
UFBGA144 (7 x 7 mm)
UFBGA176 (10 x 10 mm)
LQFP176 (24 x 24 mm)
WLCSP100
(0.4 mm pitch)
LQFP144 (20 × 20 mm)
LQFP100 (14 × 14 mm)
www.st.com


Similar Part No. - STM32F732ICI6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F732IE STMICROELECTRONICS-STM32F732IE Datasheet
4Mb / 226P
Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
03-Feb-2022
More results

Similar Description - STM32F732ICI6

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64BV WINBOND-W25Q64BV Datasheet
1Mb / 61P
64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FV WINBOND-W25Q128FV Datasheet
1Mb / 97P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV_13 Datasheet
1Mb / 75P
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
logo
Elite Semiconductor Mem...
F25L64QA ESMT-F25L64QA Datasheet
371Kb / 42P
Standard, Dual and Quad SPI
logo
STMicroelectronics
STM32F765XX STMICROELECTRONICS-STM32F765XX Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
STM32F777XX STMICROELECTRONICS-STM32F777XX Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
logo
Winbond
W25Q256FV WINBOND-W25Q256FV Datasheet
2Mb / 109P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com