Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F732ICI6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F732ICI6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICI6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F732ICI6 Datasheet HTML 18Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 19Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 20Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 21Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 22Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 23Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 24Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 25Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
Functional overview
STM32F732xx STM32F733xx
22/122
DocID028480 Rev 1
2.13
Boot modes
At startup, the boot memory space is selected by the BOOT pin and BOOT_ADDx option
bytes, allowing to program any boot memory address from 0x0000 0000 to 0x3FFF FFFF
which includes:
•
All Flash address space mapped on ITCM or AXIM interface
•
All RAM address space: ITCM, DTCM RAMs and SRAMs mapped on AXIM interface
•
The System memory bootloader
The boot loader is located in system memory. It is used to reprogram the Flash memory
through a serial interface.
2.14
Power supply schemes
•
VDD = 1.7 to 3.6 V: external power supply for I/Os and the internal regulator (when
enabled), provided externally through VDD pins.
•
VSSA, VDDA = 1.7 to 3.6 V: external analog power supplies for ADC, DAC, Reset
blocks, RCs and PLL. VDDA and VSSA must be connected to VDD and VSS, respectively.
•
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
Note:
The VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to
Section 2.15.2: Internal reset OFF). Refer to Table 3: Voltage regulator configuration mode
versus device operating mode to identify the packages supporting this option.
•
The VDDSDMMC can be connected either to VDD or an external independent power
supply (1.8 to 3.6V) for the SDMMC2 pins (clock, command, and 4-bit data). For
example, when the device is powered at 1.8V, an independent power supply 2.7V can
be connected to VDDSDMMC.When the VDDSDMMC is connected to a separated power
supply, it is independent from VDD or VDDA but it must be the last supply to be provided
and the first to disappear. The following conditions VDDSDMMC must be respected:
–
During the power-on phase (VDD < VDD_MIN), VDDSDMMC should be always lower
than VDD
–
During the power-down phase (VDD < VDD_MIN), VDDSDMMC should be always
lower than VDD
–The VDDSDMMC rising and falling time rate specifications must be respected (see
Table 20 and Table 21)
–
In the operating mode phase, VDDSDMMC could be lower or higher than VDD:
All associated GPIOs powered by VDDSDMMC are operating between
VDDSDMMC_MIN and VDDSDMMC_MAX.
•
The VDDUSB can be connected either to VDD or an external independent power supply
(3.0 to 3.6V) for USB transceivers (refer to Figure 7 and Figure 8). For example, when
the device is powered at 1.8V, an independent power supply 3.3V can be connected to
the VDDUSB. When the VDDUSB is connected to a separated power supply, it is
independent from VDD or VDDA but it must be the last supply to be provided and the first
to disappear. The following conditions VDDUSB must be respected:
–
During the power-on phase (VDD < VDD_MIN), VDDUSB should be always lower
than VDD
–
During the power-down phase (VDD < VDD_MIN), VDDUSB should be always lower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com