Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F732ICI6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32F732ICI6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICI6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32F732ICI6 Datasheet HTML 13Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 14Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 15Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 16Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 17Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 18Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 19Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 20Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
DocID028480 Rev 1
17/122
STM32F732xx STM32F733xx
Functional overview
44
2.3
Embedded Flash memory
The STM32F732xx and STM32F733xx devices embed a Flash memory of up to 512 Kbytes
available for storing programs and data.
The flexible protections can be configured thanks to option bytes:
•
Readout protection (RDP) to protect the whole memory. Three levels are available:
–
Level 0: no readout protection
–
Level 1: No access (read, erase, program) to the Flash memory or backup SRAM
can be performed while the debug feature is connected or while booting from RAM
or system memory bootloader
–
Level 2: debug/chip read protection disabled.
•
Write protection (WRP): the protected area is protected against erasing and
programming.
•
Proprietary code readout protection (PCROP): Flash memory user sectors (0 to 7) can
be protected against D-bus read accesses by using the proprietary readout protection
(PCROP). The protected area is execute-only.
2.4
CRC (cyclic redundancy check) calculation unit
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator polynomial value and size.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
2.5
Embedded SRAM
All the devices feature:
•
System SRAM up to 256 Kbytes:
–
SRAM1 on AHB bus Matrix: 176 Kbytes
–
SRAM2 on AHB bus Matrix: 16 Kbytes
–
DTCM-RAM on TCM interface (Tighly Coupled Memory interface): 64 Kbytes for
critical real-time data.
•
Instruction RAM (ITCM-RAM) 16 Kbytes:
–
It is mapped on TCM interface and reserved only for CPU Execution/Instruction
useful for critical real-time routines.
The Data TCM RAM is accessible by the GP-DMAs and peripheral DMAs through the
specific AHB slave of the CPU.The instruction TCM RAM is reserved only for CPU. It is
accessed at CPU clock speed with 0 wait states.
•
4 Kbytes of backup SRAM
This area is accessible only from the CPU. Its content is protected against possible
unwanted write accesses, and is retained in Standby or VBAT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com