Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F732ICY6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F732ICY6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICY6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F732ICY6 Datasheet HTML 6Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 7Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 8Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 9Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 10Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 11Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 12Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 13Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Description
STM32F732xx STM32F733xx
10/122
DocID028480 Rev 1
These features make the STM32F732xx and STM32F733xx microcontrollers suitable for a
wide range of applications:
•
Motor drive and application control,
•
Medical equipment,
•
Industrial applications: PLC, inverters, circuit breakers,
•
Printers, and scanners,
•
Alarm systems, video intercom, and HVAC,
•
Home audio appliances,
•
Mobile applications, Internet of Things,
•
Wearable devices: smartwatches.
Figure 5 shows the general block diagram of the device family
Table 2. STM32F732xx and STM32F733xx features and peripheral counts
Peripherals
STM32F73xRx
STM32F73xVx
STM32F73xZx
STM32F73xIx
Flash memory in Kbytes
256
512
256
512
256
512
256
512
SRAM in Kbytes
System
256(176+16+64)
Instruction
16
Backup
4
FMC memory controller
No
Yes(1)
Quad-SPI
Yes
Timers
General-purpose
10(2)
Advanced-control
2
Basic
2
Low-power
No
1
Random number generator
Yes
Communication
interfaces
SPI / I2S3/3 (simplex)(3)
4/3 (simplex)(3)
5/3 (simplex)(3)
I2C3
USART/UART
4/2
4/4
USB OTG FS
Yes
USB OTG HS(4)
Yes
USB OTG PHY HS
controller (USBPHYC)
No
Yes(10)
CAN
1
SAI
2
SDMMC1
Yes
SDMMC2
No
Yes(5)(6)
AES
Yes
GPIOs
50
82 in STM32F732xx
79 in STM32F733xx
114 in STM32F732xx
112 in STM32F733xx
140 in STM32F732xx
138 in STM32F733xx
12-bit ADC
Number of channels
3
16
24
12-bit DAC
Number of channels
Yes
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com