Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F732ICY6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F732ICY6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICY6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F732ICY6 Datasheet HTML 12Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 13Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 14Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 15Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 16Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 17Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 18Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 19Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
Functional overview
STM32F732xx STM32F733xx
16/122
DocID028480 Rev 1
2. Available only on the STM32F733xx devices.
2
Functional overview
2.1
ARM® Cortex®-M7 with FPU
The ARM® Cortex®-M7 with FPU processor is the latest generation of ARM processors for
embedded systems. It was developed to provide a low-cost platform that meets the needs of
MCU implementation, with a reduced pin count and low-power consumption, while
delivering outstanding computational performance and low interrupt latency.
The Cortex®-M7 processor is a highly efficient high-performance featuring:
–
Six-stage dual-issue pipeline
–
Dynamic branch prediction
–
Harvard caches (8 Kbytes of I-cache and 8 Kbytes of D-cache)
–
64-bit AXI4 interface
–
64-bit ITCM interface
–
2x32-bit DTCM interfaces
The processor supports the following memory interfaces:
•
Tightly Coupled Memory (TCM) interface.
•
Harvard instruction and data caches and AXI master (AXIM) interface.
•
Dedicated low-latency AHB-Lite peripheral (AHBP) interface.
The processor supports a set of DSP instructions which allow efficient signal processing and
complex algorithm execution.
It supports single precision FPU (floating point unit), speeds up software development by
using metalanguage development tools, while avoiding saturation.
Figure 5 shows the general block diagram of the STM32F732xx and STM32F733xx family.
Note:
Cortex®-M7 with FPU core is binary compatible with the Cortex®-M4 core.
2.2
Memory protection unit
The memory protection unit (MPU) is used to manage the CPU accesses to memory to
prevent one task to accidentally corrupt the memory or resources used by any other active
task. This memory area is organized into up to 8 protected areas that can in turn be divided
up into 8 subareas. The protection area sizes are between 32 bytes and the whole 4
gigabytes of addressable memory.
The MPU is especially helpful for applications where some critical or certified code has to be
protected against the misbehavior of other tasks. It is usually managed by an RTOS (real-
time operating system). If a program accesses a memory location that is prohibited by the
MPU, the RTOS can detect it and take action. In an RTOS environment, the kernel can
dynamically update the MPU area setting, based on the process to be executed.
The MPU is optional and can be bypassed for applications that do not need it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com