Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F732ICY6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F732ICY6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICY6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F732ICY6 Datasheet HTML 37Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 38Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 39Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 40Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 41Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 42Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 43Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 44Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
DocID028480 Rev 1
41/122
STM32F732xx STM32F733xx
Functional overview
44
•
Internal FS OTG PHY support
•
For the STM32F732xx devices: External HS or HS OTG operation supporting ULPI in
SDR mode. The OTG PHY is connected to the microcontroller ULPI port through 12
signals. It can be clocked using the 60 MHz output.
•
For the STM32F733xx devices: Internal HS OTG PHY support.
•
Internal USB DMA
•
HNP/SNP/IP inside (no need for any external resistor)
•
For OTG/Host modes, a power switch is needed in case bus-powered devices are
connected
2.30.1
Universal Serial Bus controller on-the-go High-Speed PHY controller
(USBPHYC) only on STM32F733xx devices.
The USB HS PHY controller:
–
Sets the PHYPLL1/2 values for the PHY HS
–
Sets the other controls on the PHY HS
–
Controls and monitors the USB PHY’s LDO
2.31
Random number generator (RNG)
All the devices embed an RNG that delivers 32-bit random numbers generated by an
integrated analog circuit.
2.32
Advanced encryption standard hardware accelerator (AES)
The devices embed an AES hardware accelerator which can be used to both encipher and
decipher data using AES algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com