Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833AAST Datasheet(PDF) 11 Page - Analog Devices

Part # AD1833AAST
Description  24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833AAST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1833AAST Datasheet HTML 7Page - Analog Devices AD1833AAST Datasheet HTML 8Page - Analog Devices AD1833AAST Datasheet HTML 9Page - Analog Devices AD1833AAST Datasheet HTML 10Page - Analog Devices AD1833AAST Datasheet HTML 11Page - Analog Devices AD1833AAST Datasheet HTML 12Page - Analog Devices AD1833AAST Datasheet HTML 13Page - Analog Devices AD1833AAST Datasheet HTML 14Page - Analog Devices AD1833AAST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD1833A
–11–
DAC Word Width
The AD1833A will accept input data in three separate word-
lengths—16 bits, 20 bits, and 24 bits. The word length may be
selected by writing to Control Bits 4 and 3 in DAC Control
Register 1 (see Table V).
Table V. Word Length Settings
Bit 4
Bit 3
Word Length
00
24 Bits
01
20 Bits
10
16 Bits
11
Reserved
Power-Down Control
The AD1833A can be powered down by writing to Control Bit 2
in DAC Control Register 1 (see Table VI).
Table VI. Power-Down Control
Bit 2
Power-Down Setting
0Normal Operation
1
Power-Down Mode
Interpolator Mode
The AD1833A’s DAC interpolators can be operated in one of
three modes—8 , 4
, or 2 — then correspond to 48 kHz, 96 kHz,
and 192 kHz modes, respectively (for IMCLK = 24.576 MHz). The
interpolator mode may be selected by writing to Control Bits 1
and 0 in DAC Control Register 1 (see Table VII).
Table VII. Interpolator Mode Settings
Bit 1
Bit 0
Interpolator Mode
00
8x (48 kHz)
*
01
2x (192 kHz)
*
10
4x (96 kHz)
*
11
Reserved
*For IMCLK = 24.576 MHz.
DAC CONTROL REGISTER 1
De-emphasis
The AD1833A has a built-in de-emphasis filter that can be used
to decode CDs that have been encoded with the standard
Redbook 50
ms/15 ms emphasis response curve. Three curves are
available, one each for 32 kHz, 44.1 kHz, and 48 kHz sampling
rates. The filters may be selected by writing to Control Bits 9
and 8 in DAC Control Register 1 (see Table III).
Table III. De-emphasis Settings
Bit 9
Bit 8
De-emphasis
00
Disabled
01
44.1 kHz
10
32 kHz
11
48 kHz
Data Serial Interface Mode
The AD1833A’s serial data interface is designed to accept data
in a wide range of popular formats including I
2S, right-justified
(RJ), left-justified (LJ), and flexible DSP modes. The L/RCLK
pin acts as the word clock (or frame sync) to indicate sample
interval boundaries. The BCLK defines the serial data rate
while the data is input on the SDIN1–SDIN3 pins. The serial
mode settings may be selected by writing to Control Bits 7
through 5 in the DAC Control Register 1 (see Table IV).
Table IV. Data Serial Interface Mode Settings
Bit 7
Bit 6
Bit 5
Serial Mode
0
00I
2S
0
01Right Justify
0
10
DSP
0
11Left Justify
1
00Packed Mode 1 (256)
1
01Packed Mode 2 (128)
1
10
TDM Mode
1
11Reserved
Table II. DAC Control Register 1
Function
Data-Word
Power-Down
Interpolator
Address
Reserved
1
De-emphasis
Serial Mode
Width
RESET
Mode
15–12
11
10
9–8
7–5
4–3
2
1–0
0000
0
0
00 = None
000 = I
2S
00 = 24 Bits
0 = Normal
00 = 8
(48 kHz)
2
01 = 44.1 kHz
001 = RJ
01 = 20 Bits
1 = PWRDWN
01 = 2
(192 kHz)
2
10 = 32.0 kHz
010 = DSP
10 = 16 Bits
10 = 4
(96 kHz)
2
11 = 48.0 kHz
011 = LJ
11 = Reserved
11 = Reserved
100 = Pack Mode 1 (256)
101 = Pack Mode 2 (128)
110 = TDM Mode
111 = Reserved
NOTES
1Must be programmed to zero.
2For IMCLK = 24.576 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com