Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833AAST Datasheet(PDF) 12 Page - Analog Devices

Part # AD1833AAST
Description  24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833AAST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1833AAST Datasheet HTML 8Page - Analog Devices AD1833AAST Datasheet HTML 9Page - Analog Devices AD1833AAST Datasheet HTML 10Page - Analog Devices AD1833AAST Datasheet HTML 11Page - Analog Devices AD1833AAST Datasheet HTML 12Page - Analog Devices AD1833AAST Datasheet HTML 13Page - Analog Devices AD1833AAST Datasheet HTML 14Page - Analog Devices AD1833AAST Datasheet HTML 15Page - Analog Devices AD1833AAST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD1833A
–12–
Table X. DAC Control Register 3
Function
Stereo Replicate
Address
Reserved
* Reserved* (192 kHz)
MCLK Select
Zero Detect
Reserved
*
TDM Mode
15–12
11
10
9–6
5
4–3
2
1
0
1000
0
0
0
0 = Normal
00 = IMCLK = MCLK
2
0 = Active High
0
0 = Master
1 = Replicate
01 = IMCLK = MCLK
1
1 = Active Low
1 = Slave
10 = IMCLK = MCLK
2/
3
*Must be programmed to zero.
DAC CONTROL REGISTER 2
DAC Control Register 2 contains individual channel mute
controls for each of the six DACs. Default operation (bit = 0) is
muting off. Bits 9 through 6 of Control Register 2 are reserved
and should be programmed to zero (see Table VIII).
DAC CONTROL REGISTER 3
Stereo Replicate
The AD1833A allows the stereo information on Channel 1
(SDIN1—Left 1 and Right 1) to be copied to Channels 2 and 3
(Left/Right 2 and Left/Right 3). These signals can be used in an
external summing amplifier to increase potential signal SNR.
Stereo replicate mode can be enabled by writing to control Bit 5
(see Table XI). Note that replication is not reflected in the zero
flag status.
Table XI. Stereo Replicate
Bit 5
Stereo Mode
0Normal
1Channel 1 Data Replicated on Channels 2 and 3
Table VIII. DAC Control Register 2
Function
Address
Reserved
*
Reserved
*
Mute Control
15–12
11
10
9–6
5
4
3
2
1
0
0001
0
0
0
Channel 6
Channel 5
Channel 4
Channel 3
Channel 2
Channel 1
0 = Mute Off
0 = Mute Off 0 = Mute Off
0 = Mute Off
0 = Mute Off 0 = Mute Off
1 = Mute On
1 = Mute On 1 = Mute On
1 = Mute On
1 = Mute On 1 = Mute On
*Must be programmed to zero.
Table IX. Muting Control
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Muting
XXXXX1
Mute Channel 1
XXXX1
X
Mute Channel 2
XXX1
XX
Mute Channel 3
XX1
XXX
Mute Channel 4
X1
XXXX
Mute Channel 5
1
XXXXX
Mute Channel 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com