Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833AAST Datasheet(PDF) 14 Page - Analog Devices

Part # AD1833AAST
Description  24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833AAST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1833AAST Datasheet HTML 10Page - Analog Devices AD1833AAST Datasheet HTML 11Page - Analog Devices AD1833AAST Datasheet HTML 12Page - Analog Devices AD1833AAST Datasheet HTML 13Page - Analog Devices AD1833AAST Datasheet HTML 14Page - Analog Devices AD1833AAST Datasheet HTML 15Page - Analog Devices AD1833AAST Datasheet HTML 16Page - Analog Devices AD1833AAST Datasheet HTML 17Page - Analog Devices AD1833AAST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
AD1833A
–14–
I
2S Timing
I
2S timing uses an
L/RCLK to define when the data being trans-
mitted is for the left channel and when it is for the right channel.
The
L/RCLK is low for the left channel and high for the right
channel. A bit clock running at 64
fS is used to clock in the data.
There is a delay of 1 bit clock from the time the
L/RCLK signal
changes state to the first bit of data on the SDINx lines. The data
is written MSB first and is valid on the rising edge of the bit clock.
Left-Justified Timing
Left-justified (LJ) timing uses an L/
RCLK to define when the
data being transmitted is for the left channel and when it is for
the right channel. The L/
RCLK is high for the left channel and
low for the right channel. A bit clock running at 64
fS is used
LEFT CHANNEL
RIGHT CHANNEL
LSB
+1
LSB
MSB
L/RCLK
INPUT
BCLK
INPUT
SDATA
INPUT
LSB
+2
MSB
–2
MSB
–1
MSB
LSB
+1
LSB
LSB
+2
MSB
–2
MSB
–1
MSB
Figure 6. I 2S Timing Diagram
LEFT CHANNEL
RIGHT CHANNEL
LSB
+1
LSB
L/RCLK
INPUT
BCLK
INPUT
SDATA
INPUT
LSB
+2
MSB
–2
MSB
–1
MSB
LSB
+1
LSB
LSB
+2
MSB
–2
MSB
–1
MSB
MSB
–1
MSB
Figure 7. Left-Justified Timing Diagram
LEFT CHANNEL
RIGHT CHANNEL
LSB
+1
LSB
L/
RCLK
INPUT
BCLK
INPUT
SDATA
INPUT
LSB
+2
MSB
–2
MSB
–1
LSB
MSB
LSB
+1
LSB
LSB
+2
MSB
–2
MSB
–1
MSB
Figure 8. Right-Justified Timing Diagram
to clock in the data. The first bit of data appears on the SDINx
lines when the L/
RCLK toggles. The data is written MSB first
and is valid on the rising edge of the bit clock.
Right-Justified Timing
Right-justified (RJ) timing uses an L/
RCLK to define when the
data being transmitted is for the left channel and when it is for
the right channel. The L/
RCLK is high for the left channel and
low for the right channel. A bit clock running at 64
fS is used
to clock in the data. The first bit of data appears on the SDINx
8-bit clock periods (for 24-bit data) after L/
RCLK toggles. In RJ
mode, the LSB of data is always clocked by the last bit clock
before L/
RCLK transitions. The data is written MSB first and is
valid on the rising edge of the bit clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com