Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3070 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3070
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3070 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button TP3070 Datasheet HTML 9Page - National Semiconductor (TI) TP3070 Datasheet HTML 10Page - National Semiconductor (TI) TP3070 Datasheet HTML 11Page - National Semiconductor (TI) TP3070 Datasheet HTML 12Page - National Semiconductor (TI) TP3070 Datasheet HTML 13Page - National Semiconductor (TI) TP3070 Datasheet HTML 14Page - National Semiconductor (TI) TP3070 Datasheet HTML 15Page - National Semiconductor (TI) TP3070 Datasheet HTML 16Page - National Semiconductor (TI) TP3070 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Timing Specifications (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%;VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by
correlation with other production tests and/or product design and characterization. All signals referenced to GND. Typicals
specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
All timing parameters are measured at V
OH = 2.0V and VOL = 0.7V.
See Definitions and Timing Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PCM INTERFACE TIMING
t
DBZ
Delay Time, BCLK Low to D
X0/1
D
X0/1 Disabled is measured at VOL
or V
OH according to Figure 4 or
Figure 5
Disabled if FS
X Low, FSX Low to
D
X0/1 disabled if 8th BCLK
15
80
ns
Low, or BCLK High to D
X0/1
Disabled if FS
X High
−40˚C to +85˚C (TP3070-X)
15
100
ns
t
DBT
Delay Time, BCLK High to TS
X
Low if FS
X High, or FSX High to
TS
X Low if BCLK High (Non
Delayed Mode); BCLK High to
TS
X Low (Delayed Data Mode)
Load = 100 pF Plus 2 LSTTL Loads
60
ns
t
ZBT
TRI-STATE Time, BCLK Low to
TS
X High if FSX Low, FSX Low
to TS
X High if 8th BCLK Low, or
BCLK High to TS
X High if FSX
High
15
60
ns
t
DFD
Delay Time, FS
X/R
Load = 100 pF Plus 2 LSTTL Loads,
High to Data Valid
Applies if FS
X/R Rises Later than
80
ns
BCLK Rising Edge in Non-Delayed
Data Mode Only
−40˚C to +85˚C (TP3070-X)
90
ns
t
SDB
Setup Time, D
R0/1
30
ns
Valid to BCLK Low
t
HBD
Hold Time, BCLK
15
ns
Low to D
R0/1 Invalid
−40˚C to +85˚C (TP3070-X)
15
ns
SERIAL CONTROL PORT TIMING
f
CCLK
Frequency of CCLK
2048
kHz
t
WCH
Period of CCLK High
Measured from V
IH to VIH
160
ns
t
WCL
Period of CCLK Low
Measured from V
IL to VIL
160
ns
t
RC
Rise Time of CCLK
Measured from V
IL to VIH
50
ns
t
FC
Fall Time of CCLK
Measured from V
IH to VIL
50
ns
t
HCS
Hold Time, CCLK Low
CCLK1
10
ns
to CS Low
t
HSC
Hold Time, CCLK
CCLK 8
100
ns
Low to CS High
t
SSC
Setup Time, CS
60
ns
Transition to CCLK Low
t
SSCO
Setup Time, CS
50
ns
Transition to CCLK High
t
SDC
Setup Time, CI (CI/O)
50
ns
Data In to CCLK Low
t
HCD
Hold Time, CCLK
50
ns
Low to CI/O Invalid
t
DCD
Delay Time, CCLK High
Load = 100 pF plus 2 LSTTL Loads
80
ns
to CI/O Data Out Valid
−40˚C to +85˚C (TP3070-X)
100
ns
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com