Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3070 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3070
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3070 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3070 Datasheet HTML 1Page - National Semiconductor (TI) TP3070 Datasheet HTML 2Page - National Semiconductor (TI) TP3070 Datasheet HTML 3Page - National Semiconductor (TI) TP3070 Datasheet HTML 4Page - National Semiconductor (TI) TP3070 Datasheet HTML 5Page - National Semiconductor (TI) TP3070 Datasheet HTML 6Page - National Semiconductor (TI) TP3070 Datasheet HTML 7Page - National Semiconductor (TI) TP3070 Datasheet HTML 8Page - National Semiconductor (TI) TP3070 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Block Diagram
Connection Diagrams
Pin Descriptions
Pin
Description
V
CC
+5V ±5% power supply.
V
BB
−5V ±5% power supply.
GND
Ground. All analog and digital signals are
referenced to this pin.
FS
X
Transmit Frame Sync input. Normally a pulse
or squarewave with an 8 kHz repetition rate is
applied to this input to define the start of the
transmit time slot assigned to this device
(non-delayed data timing mode), or the start of
the transmit frame (delayed data timing mode
using the internal time-slot assignment
counter).
DS008635-1
FIGURE 1.
DS008635-4
Order Number TP3070V
(0˚C to +70˚C)
Order Number TP3070V-X
(−40˚C to +85˚C)
See NS Package Number V28A
DS008635-2
Order Number TP3071J
See NS Package Number J20A
Order Number TP3071N
See NS Package Number N20A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com