Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3070 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3070
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3070 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button TP3070 Datasheet HTML 15Page - National Semiconductor (TI) TP3070 Datasheet HTML 16Page - National Semiconductor (TI) TP3070 Datasheet HTML 17Page - National Semiconductor (TI) TP3070 Datasheet HTML 18Page - National Semiconductor (TI) TP3070 Datasheet HTML 19Page - National Semiconductor (TI) TP3070 Datasheet HTML 20Page - National Semiconductor (TI) TP3070 Datasheet HTML 21Page - National Semiconductor (TI) TP3070 Datasheet HTML 22Page - National Semiconductor (TI) TP3070 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI =
0 dBm0, D
R0orDR1 = 0 dBm0 PCM code. Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB
gain), hybrid balance filter disabled. All other limits are assured by correlation with other production tests and/or product de-
sign and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
G
RAL
Receive Gain
Sinusoidal Test Method.
Variation with Signal
Reference Level = 0 dBm0.
Level
D
R0 = −40 dBm0 to +3 dBm0
−0.2
0.2
dB
D
R0 = −50 dBm0 to −40 dBm0
−0.4
0.4
dB
D
R0 = −55 dBm0 to − 50 dBm0
−1.2
1.2
dB
D
R0 = 3.1 dBm0
R
L = 600Ω,GR = −0.5 dB
−0.2
0.2
dB
R
L = 300Ω,GR = −1.2 dB
−0.2
0.2
dB
ENVELOPE DELAY DISTORTION WITH FREQUENCY
D
XA
Tx Delay, Absolute
f = 1600 Hz
315
µs
D
XR
Tx Delay, Relative to D
XA
f = 500–600 Hz
220
µs
f = 600–800 Hz
145
µs
f = 800–1000 Hz
75
µs
f = 1000–1600 Hz
40
µs
f = 1600–2600 Hz
75
µs
f = 2600–2800 Hz
105
µs
f = 2800–3000 Hz
155
µs
D
RA
Rx Delay, Absolute
f = 1600 Hz
200
µs
D
RR
Rx Delay, Relative to D
RA
f = 500–1000 Hz
−40
µs
f = 1000–1600 Hz
−30
µs
f = 1600–2600 Hz
90
µs
f = 2600–2800 Hz
125
µs
f = 2800–3000 Hz
175
µs
NOISE
N
XC
Transmit Noise, C Message
(Note 12)
12
15
dBrnC0
Weighted, µ-law Selected
All ‘1’s in Gain Register
N
XP
Transmit Noise, P Message
(Note 12)
−74
−67
dBm0p
Weighted, A-law Selected
All ‘1’s in Gain Register
N
RC
Receive Noise, C Message
PCM Code is Alternating Positive
8
11
dBrnC0
Weighted, µ-law Selected
and Negative Zero
N
RP
Receive Noise, P Message
PCM Code Equals Positive Zero
−82
−79
dBm0p
Weighted, A-law Selected
N
RS
Noise, Single Frequency
f = 0 kHz to 100 kHz, Loop Around
−53
dBm0
Measurement, VF
XI = 0 Vrms
PPSR
X
Positive Power Supply
V
CC = 5.0 VDC + 100 mVrms
Rejection, Transmit
f = 0 kHz–4 kHz (Note 13)
36
dBC
f = 4 kHz–50 kHz
30
dBC
NPSR
X
Negative Power Supply
V
BB = −5.0 VDC + 100 mVrms
Rejection, Transmit
f = 0 kHz–4 kHz (Note 13)
36
dBC
f = 4 kHz–50 kHz
30
dBC
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com