Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071J Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071J
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071J Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TP3071J Datasheet HTML 5Page - National Semiconductor (TI) TP3071J Datasheet HTML 6Page - National Semiconductor (TI) TP3071J Datasheet HTML 7Page - National Semiconductor (TI) TP3071J Datasheet HTML 8Page - National Semiconductor (TI) TP3071J Datasheet HTML 9Page - National Semiconductor (TI) TP3071J Datasheet HTML 10Page - National Semiconductor (TI) TP3071J Datasheet HTML 11Page - National Semiconductor (TI) TP3071J Datasheet HTML 12Page - National Semiconductor (TI) TP3071J Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Programmable Functions (Continued)
Three registers must be programmed in COMBO II to fully
configure the Hybrid Balance Filter as follows:
Register 1: select/de-select Hybrid Balance Filter;
invert/non-invert cancellation signal;
select/de-select Hybal2 filter section;
attenuator setting.
Register 2: select/de-select Hybal1 filter;
set Hybal1 to 2nd order or 1st order;
pole and zero frequency selection.
Register 3: program pole frequency in Hybal2 filter;
program zero frequency in Hybal2 filter.
Standard filter design techniques may be used to model the
echo path (see
Equation (1)) and design a matching hybrid
balance filter configuration. Alternatively, the frequency re-
sponse of the echo path can be measured and the hybrid
balance filter designed to replicate it.
A Hybrid Balance filter design guide and software optimiza-
tion program are available under license from National Semi-
conductor Corporation; order TP3077SW.
Applications Information
Figure 3 shows a typical application of the TP3071 together
with a typical monolithic SLIC. Four of the IL latches are con-
figured as outputs to control the relay drivers on the SLIC,
while IL4 is an input for the Supervision signal.
POWER SUPPLIES
While the pins of the TP3070 COMBO II devices are well
protected against electrical misuse, it is recommended that
the standard CMOS practice of applying GND to the device
before any other connections are made should always be
followed. In applications where the printed circuit card may
be plugged into a hot socket with power and clocks already
present, extra long pins on the connector should be used for
ground and V
BB. In addition, a Schottky diode should be con-
nected between V
BB and ground.
To minimize noise sources, all ground connections to each
device should meet at a common point as close as possible
to the device GND pin in order to prevent the interaction of
ground return currents flowing through a common bus im-
pedance. Power supply decoupling capacitors of 0.1 µF
should be connected from this common device ground point
to V
CC and VBB as close to the device pins as possible. VCC
and V
BB should also be decoupled with Low Effective Series
Resistance Capacitors of at least 10 µF located near the
card edge connector.
Further guidelines on PCB layout techniques are provided in
Application Note AN-614, “ COMBO II™ Programmable PCM
CODEC/Filter Family Application Guide”.
DS008635-5
FIGURE 2. Simplified Diagram of Hybrid Balance Circuit
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com