Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071J Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071J
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071J Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button TP3071J Datasheet HTML 13Page - National Semiconductor (TI) TP3071J Datasheet HTML 14Page - National Semiconductor (TI) TP3071J Datasheet HTML 15Page - National Semiconductor (TI) TP3071J Datasheet HTML 16Page - National Semiconductor (TI) TP3071J Datasheet HTML 17Page - National Semiconductor (TI) TP3071J Datasheet HTML 18Page - National Semiconductor (TI) TP3071J Datasheet HTML 19Page - National Semiconductor (TI) TP3071J Datasheet HTML 20Page - National Semiconductor (TI) TP3071J Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Transmission Characteristics
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI =
0 dBm0, D
R0orDR1 = 0 dBm0 PCM code. Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB
gain), hybrid balance filter disabled. All other limits are assured by correlation with other production tests and/or product de-
sign and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
Absolute Levels
The Maximum 0 dBm0 Levels are:
VF
XI
1.619
Vrms
VF
RO (15 kΩ Load)
1.964
Vrms
The Minimum 0 dBm0 Levels are:
VF
XI
87.0
mVrms
VF
RO (Any Load ≥ 300Ω)
105.0
mVrms
Overload Levels are 3.17 dBm0 (µLaw)
and 3.14 dBm0 (A-Law)
G
XA
Transmit Gain
Transmit Gain Programmed for Maximum
Absolute Accuracy
0 dBm0 Test Level. (All 1’s in gain register)
Measure Deviation of Digital Code from
Ideal 0 dBm0 PCM Code at D
X0/1.
T
A = 25˚C
−0.15
0.15
dB
G
XAG
Transmit Gain
T
A = 25˚C, VCC = 5V, VBB = 5V
Variation with
Programmed Gain from 0 dB to 19 dB
Programmed Gain
(0 dBm0 Levels of 1.619 Vrms to
0.182 Vrms)
−0.1
0.1
dB
Programmed Gain from 19.1 dB to 25.4 dB
(0 dBm0 Levels of 0.180 Vrms to
0.087 Vrms)
−0.3
0.3
dB
Note: ±0.1 dB min/max is available as a selected
part.
G
XAF
Transmit Gain
Relative to 1015.625 Hz, (Note 15)
Variation with
Minimum Gain < G
X < Maximum Gain
Frequency
f = 60 Hz
−26
dB
f = 200 Hz
−1.8
−0.1
dB
f = 300 Hz to 3000 Hz
−0.15
0.15
dB
f = 3400 Hz
−0.7
0.0
dB
f = 4000 Hz
−14
dB
f
≥ 4600 Hz. Measure Response
−32
dB
at Alias Frequency from 0 kHz to 4 kHz.
G
X = 0 dB, VFXI = 1.619 Vrms
Relative to 1015.625 Hz
f = 62.5 Hz
−24.9
dB
f = 203.125 Hz
−1.7
−0.1
dB
f = 343.75 Hz
−0.15
0.15
dB
f = 515.625 Hz
−0.15
0.15
dB
f = 2140.625 Hz
−0.15
0.15
dB
f = 3156.25 Hz
−0.15
0.15
dB
f = 3406.250 Hz
−0.74
0.0
dB
f = 3984.375 Hz
−13.5
dB
Relative to 1062.5 Hz (Note 15)
f = 5250 Hz, Measure 2750 Hz
−32
dB
f = 11750 Hz, Measure 3750 Hz
−32
dB
f = 49750 Hz, Measure 1750 Hz
−32
dB
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com