Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071J Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071J
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071J Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button TP3071J Datasheet HTML 17Page - National Semiconductor (TI) TP3071J Datasheet HTML 18Page - National Semiconductor (TI) TP3071J Datasheet HTML 19Page - National Semiconductor (TI) TP3071J Datasheet HTML 20Page - National Semiconductor (TI) TP3071J Datasheet HTML 21Page - National Semiconductor (TI) TP3071J Datasheet HTML 22Page - National Semiconductor (TI) TP3071J Datasheet HTML 23Page - National Semiconductor (TI) TP3071J Datasheet HTML 24Page - National Semiconductor (TI) TP3071J Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI =
0 dBm0, D
R0orDR1 = 0 dBm0 PCM code. Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB
gain), hybrid balance filter disabled. All other limits are assured by correlation with other production tests and/or product de-
sign and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CROSSTALK
CT
X-R
Transmit to Receive
Crosstalk, 0 dBm0 Transmit
Level
f = 300 Hz–3400 Hz
−90
−75
dB
D
R = Idle Code
CT
R-X
Receive to Transmit
Crosstalk, 0 dBm0 Receive
Level
f = 300 Hz–3400 Hz
−90
−70
dB
(Note 13)
Note 12: Measured by grounded input at VFXI.
Note 13: PPSRX, NPSRX, and CTR–X are measured with a −50 dBm0 activation signal applied to VFXI.
Note 14: A signal is Valid if it is above VIHor below VIL and Invalid if it is between VIL and VIH. For the purposes of this specification the following conditions apply:
a) All input signals are defined as: VIL = 0.4V, VIH = 2.7V, tR < 10 ns, tF < 10 ns.
b) tR is measured from VIL to VIH.tF is measured from VIH to VIL.
c) Delay Times are measured from the input signal Valid to the output signal Valid.
d) Setup Times are measured from the data input Valid to the clock input Invalid.
e) Hold Times are measured from the clock signal Valid to the data input Invalid.
f) Pulse widths are measured from VIL to VIL or from VIH to VIH.
Note 15: A multi-tone test technique is used.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com