Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9031ADE-PB Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APX9031ADE-PB
Description  Hall Effect Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9031ADE-PB Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APX9031ADE-PB Datasheet HTML 1Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 2Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 3Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 4Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 5Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 6Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 7Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 8Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APX9031
www.anpec.com.tw
5
-20
0
20
40
60
80
100
100
125
150
175
200
225
I
OUT=20mA
V
DD=20V
-20
0
20
40
60
80
100
0
1
2
3
4
5
V
DD=20V
Output Low Voltage vs Ambient Temperature
Temperature -
°C
Supply Current vs Temperature
Temperature -
°C
Typical Characteristics Cont.
0
510
15
20
-100
-75
-50
-25
0
25
50
75
100
Bop
Brp
I
OUT=20mA
Magnetic Switch Points vs Supply Voltage
Supply Voltage - V
-200
-150
-100
-50
0
50
100
150
200
-20
0
20
40
60
80 100
Bop
Brp
I
OUT=20mA
V
DD=20V
Magnetic Switch Points vs Temperature
Temperature -
°C
T
A= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com