Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9031ADE-PB Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9031ADE-PB
Description  Hall Effect Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9031ADE-PB Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9031ADE-PB Datasheet HTML 1Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 2Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 3Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 4Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 5Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 6Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 7Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 8Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APX9031
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Hall Effect Sensor IC
Features
General Description
The APX9031 is an integrated Hall Effect Sensor IC
designed for electric commutation of DC brushless
motor applications. Even with a reverse voltage pro-
tection diode, the APX9031 still can operate at as
low as 3 volts. The APX9031 is available in low cost
TO-92M3 and SOT-89 packages with 3 different
magnetic ranks.
Pin Description
1 : V
DD
23
2 : GND
1
3 : OUTPUT
Ordering Information
Front View
••••• On-chip Hall Sensor
••••• Low Operating Supply Voltage : 3 V with Re-
verse Voltage Protection
••••• Versatile sensitivity and hysteresis setting
••••• Reliable and Rugged
••••• TO-92M3 and SOT-89 packages
Applications
••••• Brushless DC Motor
••••• Brushless DC Fan
••••• Speed Measurement
••••• Revolution Counting
APX9031
Magnetic Rank
Handling Code
Temp. Range
Package Code
Magnetic Rank
A : l Bop , Brp l < 70Gauss
B : l Bop , Brp l < 100 Gauss
C : l Bop , Brp l < 150 Gauss
Package Code
E : TO - 92M
D : SOT - 89
Temp. Range
E: - 20 to 85 C
Handling Code
PB : Plastic Bag
TR : Tape & Reel
°


Similar Part No. - APX9031ADE-PB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9131 ANPEC-APX9131 Datasheet
222Kb / 14P
Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131 Datasheet
211Kb / 14P
Hall Effect Micro Switch IC
APX9131A ANPEC-APX9131A Datasheet
189Kb / 12P
Hall Effect Micro Switch IC
APX9131AAI-TRG ANPEC-APX9131AAI-TRG Datasheet
189Kb / 12P
Hall Effect Micro Switch IC
APX9131AI-PBG ANPEC-APX9131AI-PBG Datasheet
211Kb / 14P
Hall Effect Micro Switch IC
More results

Similar Description - APX9031ADE-PB

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
HALL-EFFECT SENSOR IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com