Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9031ADE-PB Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APX9031ADE-PB
Description  Hall Effect Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9031ADE-PB Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9031ADE-PB Datasheet HTML 2Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 3Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 4Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 5Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 6Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 7Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 8Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 9Page - Anpec Electronics Coropration APX9031ADE-PB Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APX9031
www.anpec.com.tw
6
Package Information
TO-92M3
2
3
RIGHT-SIDE LOOK
A
S
C
B
1
OVERLOOK
E
H
e
F
1
2
3
PIN 1 : V
DD
PIN 2 : GND
PIN 3 : OUTPUT
FRONT
H
1.30mm
D
Position of Hall Sensor
reference to the top-left of package
X= 1.30
0.1mm
Y= 2.05
0.1mm
±
±
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
10
11
0.394
0.433
B
14
15
0.551
0.591
C
0.35
0.41
0.014
0.016
D
2.80
3.20
0.110
0.126
e
1.24
1.30
0.049
0.051
E
3.90
4.30
0.154
0.169
F
2.34
2.64
0.092
0.104
G
4.04
4.24
0.159
0.167
H
0.35
0.41
0.014
0.016
I
2.51
2.57
0.099
0.101
S
0.63
0.81
0.025
0.032
φ 15°
5
°
φ 23°
3
°
φ 345°
45
°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com