Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFILF Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 9FG830AFILF
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG830AFILF Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 9FG830AFILF Datasheet HTML 11Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 12Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 13Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 14Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 15Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 16Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 17Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 18Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
16
SMBus Table: PLL Frequency Control Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
PLL N Div7
RW
X
Bit 6
PLL N Div6
RW
X
Bit 5
PLL N Div5
RW
X
Bit 4
PLL N Div4
RW
X
Bit 3
PLL N Div3
RW
X
Bit 2
PLL N Div2
RW
X
Bit 1
PLL N Div1
RW
X
Bit 0
PLL N Div0
RW
X
SMBus Table: PLL Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
PLL SSP7
RW
X
Bit 6
PLL SSP6
RW
X
Bit 5
PLL SSP5
RW
X
Bit 4
PLL SSP4
RW
X
Bit 3
PLL SSP3
RW
X
Bit 2
PLL SSP2
RW
X
Bit 1
PLL SSP1
RW
X
Bit 0
PLL SSP0
RW
X
SMBus Table: PLL Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
0
Bit 6
PLL SSP14
RW
X
Bit 5
PLL SSP13
RW
X
Bit 4
PLL SSP12
RW
X
Bit 3
PLL SSP11
RW
X
Bit 2
PLL SSP10
RW
X
Bit 1
PLL SSP9
RW
X
Bit 0
PLL SSP8
RW
X
Byte 11
-
The decimal
representation of M and
N Divider in Byte 11 and
12 will configure the PLL
VCO frequency.
Default at power up =
latch-in or Byte 0 Rom
table. VCO Frequency
= fXTAL x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
-
-
-
-
-
-
-
Byte 12
-
-
N Divider Programming
Byte11 bit(7:0) and
Byte10 bit(7:6)
-
-
Spread Spectrum
Programming bit(7:0)
These Spread
Spectrum bits in
Byte 13 and 14 will
program the spread
pecentage of PLL
-
-
-
-
Byte 13
-
Reserved
-
-
-
Spread Spectrum
Programming bit(14:8)
These Spread
Spectrum bits in
Byte 13 and 14 will
program the spread
pecentage of PLL
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com