Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFILF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9FG830AFILF
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG830AFILF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9FG830AFILF Datasheet HTML 9Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 10Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 11Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 12Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 13Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 14Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 15Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 16Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
13
SMBus Table: Device Control Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function
Type0
1
Default
Bit 7
RW
Pin 27
Bit 6
RW
Pin 5
Bit 5
RW
Pin 44
Bit 4
RW
Pin 7
Bit 3
RW
Off
On
Pin 26
Bit 2
RW
Hardware
Select
Software
Select
0
Bit 1
RW
Driven
Hi-Z
0
Bit 0
RW
Down
Center
0
Notes:
1. These bits reflect the state of the corresponding pins at power up, but may be written to
if Byte 0, bit 2 is set to '1'. FS3 is the SEL14M_25M# pin.
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
DIF_7 EN
Output Enable
RW
Disable
Enable
1
Bit 6
DIF_6 EN
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_5 EN
Output Enable
RW
Disable
Enable
1
Bit 4
DIF_4 EN
Output Enable
RW
Disable
Enable
1
Bit 3
DIF_3 EN
Output Enable
RW
Disable
Enable
1
Bit 2
DIF_2 EN
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_1 EN
Output Enable
RW
Disable
Enable
1
Bit 0
DIF_0 EN
Output Enable
RW
Disable
Enable
1
Note:
SMBus Table: Output Stop Mode Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
DIF_7 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 6
DIF_6 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 5
DIF_5 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 4
DIF_4 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 3
DIF_3 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 2
DIF_2 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 1
DIF_1 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
Bit 0
DIF_0 STOP EN Free Run/ Stop Enable
RW
Free-run Stop-able
0
44
7
Byte 0
27
5
26
Spread Enable
1
-
Enable Software Control of Frequency,
Spread Enable (Spread Type always
Software Control)
-
DIF_STOP# drive mode
-
Spread Type
Byte 1
-
-
-
-
-
-
-
-
Byte 2
-
-
Byte 1 sets outputs active or inactive, not the conditons set by the OE inputs.
-
-
-
-
See Frequency
Selection Table.
FS3
1
FS2
1
FS1
1
FS0
1
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com