Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFILF Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 9FG830AFILF
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG830AFILF Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 9FG830AFILF Datasheet HTML 10Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 11Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 12Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 13Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 14Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 15Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 16Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 17Page - Integrated Device Technology 9FG830AFILF Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
14
SMBus Table: Frequency Select Readback Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
SEL14M_25M#
1
State of pin 27
R
Pin 27
Bit 6
FS2
1
State of pin 6
R
Pin 6
Bit 5
FS1
1
State of pin 44
R
Pin 44
Bit 4
FS0
1
State of pin 45
R
Pin 45
Bit 3
SPREAD
1
State of pin 26
R
Off
On
Pin 26
Bit 2
RX
Bit 1
RX
Bit 0
RX
Notes:
1. These bits reflect the state of the corresponding pins, regardless of whether software
programming is enabled or not.
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
RID3
R
-
-
X
Bit 6
RID2
R
-
-
X
Bit 5
RID1
R
-
-
X
Bit 4
RID0
R
-
-
X
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: DEVICE ID
Pin #
Name
Control Function
Type0
1
Default
Bit 7
DEVID7
R
0
Bit 6
DEVID6
R
0
Bit 5
DEVID5
R
0
Bit 4
DEVID4
R
1
Bit 3
DEVID3
R
0
Bit 2
DEVID2
R
0
Bit 1
DEVID1
R
0
Bit 0
DEVID0
R
0
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
0
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
See Frequency
Selection Table.
Byte 6
-
-
-
-
-
-
-
Writing to this register
will configure how many
bytes will be read back,
default is 07 = 7 bytes.
-
-
-
-
-
VENDOR ID
-
-
-
-
-
Byte 5
-
-
-
Byte 4
-
REVISION ID
-
-
-
Reserved
Reserved
Reserved
Reserved
26
Reserved
Reserved
45
44
Byte 3
6
27
Device ID = 10 hex
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com