Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 932SQL456
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 932SQL456 Datasheet HTML 6Page - Integrated Device Technology 932SQL456 Datasheet HTML 7Page - Integrated Device Technology 932SQL456 Datasheet HTML 8Page - Integrated Device Technology 932SQL456 Datasheet HTML 9Page - Integrated Device Technology 932SQL456 Datasheet HTML 10Page - Integrated Device Technology 932SQL456 Datasheet HTML 11Page - Integrated Device Technology 932SQL456 Datasheet HTML 12Page - Integrated Device Technology 932SQL456 Datasheet HTML 13Page - Integrated Device Technology 932SQL456 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
10
REVISION B 09/29/15
932SQL456 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters
TA = TAMB; Supply Voltage VDDx = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Operating Voltage
V
3.135
3.3
3.465
V
Commmercial range
0
70
°C
Industrial range
-40
85
°C
Input High Voltage
VIH
Single-ended inputs, except
SMBus, low threshold and tri-
level inputs
2VDD + 0.3
V
Input Low Voltage
VIL
Single-ended inputs, except
SMBus, low threshold and tri-
level inputs
GND - 0.3
0.8
V
IIN
Single-ended inputs,
VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs.
VIN = 0 V; Inputs with internal
pull-up resistors
VIN = VDD; Inputs with internal
pull-down resistors
-200
200
uA
Low Threshold Input-
High Voltage
VIH_FS
3.3 V +/-5%
0.7
VDD + 0.3
V
Low Threshold Input-
Low Voltage
VIL_FS
3.3 V +/-5%
VSS - 0.3
0.35
V
Input Frequency
Fi
25.00
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs
5
pF
1
COUT
Output pin capacitance
5
pF
1
CINX
X1 & X2 pins
5
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after
input clock stabilization or de-
assertion of PD# to 1st clock
1.8
ms
2
Tdrive_PD#
tDRVPD
Differential output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of control inputs
5
ns
1,2
Trise
tR
Rise time of control inputs
5
ns
1,2
SMBus Input Low
Voltage
VILSMB
0.8
V
SMBus Input
High Voltage
VIHSMB
2.1
VDDSMB
V
SMBus Output
Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
3V to 5V +/- 10%
2.7
5.5
V
1
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH +
0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL -
0.15)
300
ns
1
SMBus Operating
Frequency
fSMB
SMBus operating frequency
400
kHz
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
Input Current
Capacitance
TAMB
Ambient Operating
Temperature
3Time from deassertion until outputs are >200 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com