Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 932SQL456
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 932SQL456 Datasheet HTML 8Page - Integrated Device Technology 932SQL456 Datasheet HTML 9Page - Integrated Device Technology 932SQL456 Datasheet HTML 10Page - Integrated Device Technology 932SQL456 Datasheet HTML 11Page - Integrated Device Technology 932SQL456 Datasheet HTML 12Page - Integrated Device Technology 932SQL456 Datasheet HTML 13Page - Integrated Device Technology 932SQL456 Datasheet HTML 14Page - Integrated Device Technology 932SQL456 Datasheet HTML 15Page - Integrated Device Technology 932SQL456 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
12
REVISION B 09/29/15
932SQL456 DATASHEET
Electrical Characteristics–PCI
Electrical Characteristics–Phase Jitter Parameters
TA = TAMB; Supply Voltage VDDx = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
Clock High Time
THIGH
1.5V
12
ns
1
Clock Low Time
TLOW
1.5V
12
ns
1
Edge Rate
tslewr/f
Rising/Falling edge rate
1
1.7
4
V/ns
1,2
Duty Cycle
dt1
VT = 1.5 V
45
50.6
55
%
1
Group Skew
tskew
VT = 1.5 V
496
550
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
23
250
ps
1
See "Power Supply and Test Loads" page for termination circuits
1Guaranteed by design and characterization, not 100% tested in production.
2 Measured between 0.8V and 2.0V
TA = TAMB; Supply Voltage VDDx = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
IND.
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
24.8
30
86
ps (p-p)
1,2,3,
6
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.54
0.7
3
ps
(rms)
1,2,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.2
2.6/3
3.1
ps
(rms)
1,2,6
tjphPCIeG3Com
PCIe Gen 3 Common Clock
(PLL BW of 2-4MHz. CDR =
10MHz)
0.46
0.6
1
ps
(rms)
1,2,4,
6
tjphPCIeG3SRn
S
PCIe Gen 3 Separate
Reference no Spread (SRnS)
(PLL BW of 2-4MHz. CDR =
10MHz)
0.46
0.6
0.7
ps
(rms)
1,2,4,
6
QPI & SMI
(100MHz, 4.8Gb/s, 6.4Gb/s
12UI)
0.24
0.4
0.5
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.13
0.15
0.3
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.11
0.13
0.2
ps
(rms)
1,5,6
tjphSAS12G
SAS 12G
0.84
1.1/1.2
1.3
ps
(rms)
1,5,6
1 Guaranteed by design and characterization, not 100% tested in production.
6 Applied to SRC, CPU and NS_SRC, NS_SAS outputs, second figure if present applies to -40C.
tjphPCIeG2
tjphQPI_SMI
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final radification by PCI SIG.
5 Calculated from Intel-supplied Clock Jitter Tool v 1.6.6
Phase Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com