Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 932SQL456
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 932SQL456 Datasheet HTML 9Page - Integrated Device Technology 932SQL456 Datasheet HTML 10Page - Integrated Device Technology 932SQL456 Datasheet HTML 11Page - Integrated Device Technology 932SQL456 Datasheet HTML 12Page - Integrated Device Technology 932SQL456 Datasheet HTML 13Page - Integrated Device Technology 932SQL456 Datasheet HTML 14Page - Integrated Device Technology 932SQL456 Datasheet HTML 15Page - Integrated Device Technology 932SQL456 Datasheet HTML 16Page - Integrated Device Technology 932SQL456 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
REVISION B 09/29/15
13
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
Electrical Characteristics–REF14M
Test Clarification Table
TA = TAMB; Supply Voltage VDDx = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
Clock High Time
THIGH
1.5V
27.5
ns
1
Clock Low Time
TLOW
1.5V
27.5
ns
1
Edge Rate
tslewr/f
Rising/Falling edge rate
1
1.9
4
V/ns
1,2
Duty Cycle
dt1
VT = 1.5 V
45
50.2
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
19
250
ps
1
See "Power Supply and Test Loads" page for termination circuits
1Guaranteed by design and characterization, not 100% tested in production.
2 Measured between 0.8V and 2.0V
Comments
TEST_SEL
HW PIN
TEST_MOD
E
HW PIN
TEST
ENTRY BIT
B6b6
REF/N or
HI-Z
B6b7
OUTPUT
0
X
0
X
NORMAL
10
X
0
HI-Z
10
X
1
REF/N
11
X
0
REF/N
11
X
1
REF/N
0X
1
0
HI-Z
0X
1
1
REF/N
B6b6: 1= ENTER TEST MODE, Default = 0 (NORMAL OPERATION)
B6b7: 1= REF/N, Default = 0 (HI-Z)
HW
SW
Power-up w/ TEST_SEL = 1 (>0.7V) to enter test
mode. TEST_SEL is low threshold input. Cycle power
to disable test mode.
If TEST_SEL HW pin is 0 during power-up,
test mode can be selected through B6b6.
If test mode is selected by B6b6, then B6b7
is used to select HI-Z or REF/N
FS_B/TEST_Mode pin is not used.
Cycle power to disable test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com