Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660ESA Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT660ESA
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660ESA Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT660ESA Datasheet HTML 2Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 3Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 4Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 5Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 6Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 7Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 9Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT660
6
Doc. No. 5000, Rev. U
The 1/FC1 term can be modeled as an equivalent
impedance REQ. A simple equivalent circuit is shown in
figure 3. This circuit does not include the switch
resistance nor does it include output voltage ripple. It
does allow one to understand the switch-capacitor
topology and make prudent engineering tradeoffs.
For example, power conversion efficiency is set by the
output impedance, which consists of REQ and switch
resistance. As switching frequency is decreased, REQ,
the 1/FC1 term, will dominate the output impedance,
causing higher voltage losses and decreased efficiency.
As the frequency is increased quiescent current
increases. At high frequency this current becomes
significant and the power efficiency degrades.
The oscillator is designed to operate where voltage
losses are a minimum. With external 150
µF capacitors,
the internal switch resistances and the Equivalent Series
Resistance (ESR) of the external capacitors determine
the effective output impedance.
A block diagram of the CAT660 is shown in figure 4. The
CAT660 is a replacement for the MAX660 and the
LTC660.
Figure 2. Switched-Capacitor Building Block
Figure 3. Switched-Capacitor Equivalent Circuit
APPLICATION INFORMATION
Circuit Description and Operating Theory
The CAT660 switches capacitors to invert or double an
input voltage.
Figure 2 shows a simple switch capacitor circuit. In
position 1 capacitor C1 is charged to voltage V1. The
total charge on C1 is Q1 = C1V1. When the switch
moves to position 2, the input capacitor C1 is discharged
to voltage V2. After discharge, the charge on C1 is Q2 =
C1V2.
The charge transferred is:
∆Q = Q1 - Q2 = C1 × (V1 - V2)
If the switch is cycled "F" times per second, the current
(charge transfer per unit time) is:
I = F
× ∆Q = F × C1 (V1 - V2)
Rearranging in terms of impedance:
I=
(V1-V2)
V1-V2
(1/FC1)
REQ
=
V1
C1
C2
RL
V2
V1
C2
RL
V2
REQ
REQ =
1
FC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com