Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660ESA Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT660ESA
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660ESA Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT660ESA Datasheet HTML 3Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 4Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 5Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 6Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 7Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 9Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 10Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT660
7
Doc. No. 5000, Rev. U
Figure 4. CAT660 Block Diagram
+
C2
V+
(8)
2
OSC
BOOST/FC
8x
(1)
OSC
(7)
LV
(6)
CLOSED WHEN
V+ > 3.0V
GND
(3)
CAP-
(4)
C1
+
CAP+
(2)
SW2
SW1
Ο
Ο
VOUT
(5)
(N) = Pin Number
OSCILLATOR FREQUENCY CONTROL
The switching frequency can be raised, lowered or driven from an external source. Figure 5 shows a functional diagram
of the oscillator circuit.
The CAT660 oscillator has four control modes:
BOOST/FC Pin Connection
OSC Pin Connection
Nominal Oscillator Frequency
Open
Open
10kHz
BOOST/FC= V+
Open
80kHz
Open or BOOST/FC= V+
External Capacitor
—
Open
External Clock
Frequency of external clock
If BOOST/FC and OSC are left floating (Open), the
nominal oscillator frequency is 10kHz. The pump
frequency is one-half the oscillator frequency.
By connecting the BOOST/FC pin to V+, the charge and
discharge currents are increased, and the frequency is
increased by approximately 8 times. Increasing the
frequency will decrease the output impedance and ripple
currents. This can be an advantage at high load currents.
Increasing the frequency raises quiescent current but
allows smaller capacitance values for C1 and C2.
If pin 7, OSC, is loaded with an external capacitor the
frequency is lowered. By using the BOOST/FC pin and
an external capacitor at OSC, the operating frequency
can be set.
Note that the frequency appearing at CAP+ or CAP- is
one-half that of the oscillator.
Driving the CAT660 from an external frequency source
can be easily achieved by driving Pin 7 and leaving the
BOOST pin open, as shown in Figure 6. The output
current from Pin 7 is small, typically 1
µA to 8µA, so a
CMOS can drive the OSC pin. For 5V applications, a TTL
logic gate can be used if an external 100k
Ω pull-up
resistor is used as shown in figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com