Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660ESA Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT660ESA
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660ESA Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT660ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 9Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 10Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 11Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 12Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 13Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 14Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 15Page - Catalyst Semiconductor CAT660ESA Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CAT660
12
Doc. No. 5000, Rev. U
+
C2
2
3
4
8
5
CAT660
"1"
+
C1
+
CAT660
"N"
2
3
4
8
5
C1
+VIN
ROUT(Of "N" CAT660’s)=
ROUT (Of the CAT660)
N (Number of devices)
PARALLEL OPERATION
Paralleling CAT660 devices will lower output resistance. As shown in figure 12, each device requires its own pump
capacitor, C2, but the output reservoir capacitor is shared with all devices. The value of C2 should be increased by
a factor of N, where N is the number of devices.
The output impedance of the combined CAT660's is:
Figure 12: Paralleling Devices Reduce Output Resistance
CASCADE OPERATION FOR HIGHER NEGATIVE VOLTAGES
The CAT660 can be cascaded as shown in figure 11 to generate more negative voltage levels. The output resistance
is approximately the sum of the individual CAT660 output resistance.
VOUT= -N x VIN, where N represents the number of cascaded devices.
Figure 11: Cascading to Increase Output Voltage
+
C2
2
3
4
8
5
CAT660
"1"
+
C1
+
CAT660
"N"
2
3
4
8
5
C1
+VIN
+
C2
VOUT = -NVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com