Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB221
Description  High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221 Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB221 Datasheet HTML 1Page - Texas Instruments TS3USB221 Datasheet HTML 2Page - Texas Instruments TS3USB221 Datasheet HTML 3Page - Texas Instruments TS3USB221 Datasheet HTML 4Page - Texas Instruments TS3USB221 Datasheet HTML 5Page - Texas Instruments TS3USB221 Datasheet HTML 6Page - Texas Instruments TS3USB221 Datasheet HTML 7Page - Texas Instruments TS3USB221 Datasheet HTML 8Page - Texas Instruments TS3USB221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TS3USB221
SCDS220I – NOVEMBER 2006 – REVISED JANUARY 2016
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 12
3
Description ............................................................. 1
8.3
Feature Description................................................. 12
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 12
5
Pin Configuration and Functions ......................... 3
9
Application and Implementation ........................ 13
6
Specifications......................................................... 4
9.1
Application Information............................................ 13
6.1
Absolute Maximum Ratings ...................................... 4
9.2
Typical Application ................................................. 13
6.2
ESD Ratings.............................................................. 4
10
Power Supply Recommendations ..................... 15
6.3
Recommended Operating Conditions ...................... 4
11
Layout................................................................... 15
6.4
Thermal Information .................................................. 4
11.1
Layout Guidelines ................................................. 15
6.5
Electrical Characteristics........................................... 5
11.2
Layout Example .................................................... 16
6.6
Dynamic Electrical Characteristics, VCC = 3.3 V ±
10% ........................................................................... 6
12
Device and Documentation Support ................. 17
6.7
Dynamic Electrical Characteristics, VCC = 2.5 V ±
12.1
Documentation Support ........................................ 17
10% ........................................................................... 6
12.2
Trademarks ........................................................... 17
6.8
Switching Characteristics, VCC = 3.3 V ± 10% ........ 6
12.3
Electrostatic Discharge Caution ............................ 17
6.9
Switching Characteristics, VCC = 2.5 V ± 10% ........ 6
12.4
Glossary ................................................................ 17
6.10
Typical Characteristics ............................................ 7
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information .................. 8
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (February 2015) to Revision I
Page
•
Changed VIH Max from 5.5 to VCC in Recommended Operating Conditions table ................................................................. 4
Changes from Revision G (September 2010) to Revision H
Page
•
Changed first bullet of the Features FROM: VCC Operation at 2.5 V and 3.3 V TO: VCC Operation at 2.3 V and 3.6 V ....... 1
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Removed the Ordering Information table ............................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TS3USB221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com