Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB221
Description  High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221 Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB221 Datasheet HTML 1Page - Texas Instruments TS3USB221 Datasheet HTML 2Page - Texas Instruments TS3USB221 Datasheet HTML 3Page - Texas Instruments TS3USB221 Datasheet HTML 4Page - Texas Instruments TS3USB221 Datasheet HTML 5Page - Texas Instruments TS3USB221 Datasheet HTML 6Page - Texas Instruments TS3USB221 Datasheet HTML 7Page - Texas Instruments TS3USB221 Datasheet HTML 8Page - Texas Instruments TS3USB221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
1
10
2
9
3
8
4
7
V
CC
S
D+
D–
OE
1D+
1D–
2D+
2D–
GND
5
6
TS3USB221
www.ti.com
SCDS220I – NOVEMBER 2006 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DRC Package
RSE Package
10-Pin VSON
10-Pin UQFN
(Top View)
(Top View)
RSE Package
10-Pin UQFB
(Bottom View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1D+
1
I/O
USB port 1
1D–
2
I/O
2D+
3
I/O
USB port 2
2D–
4
I/O
GND
5
—
Ground
OE
6
I
Bus-switch enable
D–
7
I/O
Common USB port
D+
8
I/O
S
9
I
Select input
VCC
10
—
Supply voltage
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS3USB221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com