Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB221
Description  High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221 Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB221 Datasheet HTML 1Page - Texas Instruments TS3USB221 Datasheet HTML 2Page - Texas Instruments TS3USB221 Datasheet HTML 3Page - Texas Instruments TS3USB221 Datasheet HTML 4Page - Texas Instruments TS3USB221 Datasheet HTML 5Page - Texas Instruments TS3USB221 Datasheet HTML 6Page - Texas Instruments TS3USB221 Datasheet HTML 7Page - Texas Instruments TS3USB221 Datasheet HTML 8Page - Texas Instruments TS3USB221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
A
EN (see Note A)
B
Charge
Pump
VCC
D−
D+
1D−
1D+
2D−
2D+
S
OE
Digital Control
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS3USB221
SCDS220I – NOVEMBER 2006 – REVISED JANUARY 2016
TS3USB221 High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer – Demultiplexer
Switch With Single Enable
1 Features
3 Description
The TS3USB221 is a high-bandwidth switch specially
1
•
VCC Operation from 2.3 V and 3.6 V
designed for the switching of high-speed USB 2.0
•
VI/O Accepts Signals up to 5.5 V
signals in handset and consumer applications, such
•
1.8-V Compatible Control-Pin Inputs
as cell phones, digital cameras, and notebooks with
hubs or controllers with limited USB I/Os. The wide
•
Low-Power Mode When OE Is Disabled (1
μA)
bandwidth (1.1 GHz) of this switch allows signals to
•
rON = 6 Ω Maximum
pass with minimum edge and phase distortion. The
•
ΔrON = 0.2 Ω Typical
device multiplexes differential outputs from a USB
host device to one of two corresponding outputs. The
•
Cio(on) = 6 pF Maximum
switch
is
bidirectional
and
offers
little
or
no
•
Low Power Consumption (30
μA Maximum)
attenuation of the high-speed signals at the outputs.
•
ESD > 2000-V Human-Body Model (HBM)
The TS3USB221 is designed for low bit-to-bit skew
•
High Bandwidth (1.1 GHz Typical)
and high channel to channel noise isolation. The
TS3USB221
is
also
compatible
with
various
standards, such as high-speed USB 2.0 (480 Mbps).
2 Applications
•
Routes Signals for USB 1.0, 1.1, and 2.0
Device Information(1)
•
Mobile Industry Processor Interface (MIPI™)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Signal Routing
VSON (10)
3.00 mm × 3.00 mm
TS3USB221
•
MHL 1.0
UQFN (10)
1.50 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram
Simplified Schematic, Each FET Switch (SW)
A.
EN is the internal enable signal applied to
the switch.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS3USB221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Similar Description - TS3USB221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com