Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AKILF Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 932SQL456AKILF
Description  Low-Power CK420BQ Derivative for PCIe
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AKILF Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 932SQL456AKILF Datasheet HTML 12Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 13Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 14Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 15Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 16Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 17Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 18Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 19Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
16
REVISION B 09/29/15
932SQL456 DATASHEET
SMBus Table: Reserved
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
1
Bit 1
1
Bit 0
1
SMBus Table: Test Mode and CPU/SRC/PCI Frequency Select Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
Test Mode
Test Mode Type
RW
Hi-Z
REF/N
0
Bit 6
Test Select
Select Test Mode
RW
Disable
Enable
0
Bit 5
0
Bit 4
1
Bit 3
0
Bit 2
0
Bit 1
1
Bit 0
1
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
0
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
0
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
1
SMBus Table: Device ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DID7
R
--
0
Bit 6
DID6
R
--
1
Bit 5
DID5
R
--
0
Bit 4
DID4
R
--
0
Bit 3
DID3
R
--
0
Bit 2
DID2
R
--
1
Bit 1
DID1
R
--
1
Bit 0
DID0
R
--
0
RESERVED
Device ID
(46 hex)
Byte Count
Programming b(7:0)
Writing to this register will configure
how many bytes will be read back,
default is A bytes.
(0 to 9
VENDOR ID
RESERVED
-
-
-
Byte 5
-
RESERVED
-
RESERVED
REVISION ID
(10h for A rev)
RESERVED
RESERVED
-
-
-
-
-
-
Byte 7
-
-
-
-
-
-
-
Byte 8
-
-
-
Byte 6
-
0001 for ICS/IDT
RESERVED
RESERVED
-
0 for A rev
Byte 9
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com