Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AKILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 932SQL456AKILF
Description  Low-Power CK420BQ Derivative for PCIe
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AKILF Datasheet(HTML) 3 Page - Integrated Device Technology

  932SQL456AKILF Datasheet HTML 1Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 2Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 3Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 4Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 5Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 6Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 7Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 8Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
REVISION B 09/29/15
3
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
64TSSOP Pin Descriptions (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
41
NS_SRC0_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SRC output. Internally
terminated to drive 85ohm transmission lines with no external components.
42
NS_SRC0_Z85T
OUT
True clock of low-power push-pull differential non-spreading SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
43
NS_SRC1_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SRC output. Internally
terminated to drive 85ohm transmission lines with no external components.
44
NS_SRC1_Z85T
OUT
True clock of low-power push-pull differential non-spreading SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
45
VDDNS
PWR 3.3V power for the Non-Spreading differential outputs outputs and logic
46
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
47
NS_SAS0_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SAS output. Internally
terminated to drive 85ohm transmission lines with no external components.
48
NS_SAS0_Z85T
OUT
True clock of low-power push-pull differential non-spreading SAS output. Internally terminated to
drive 85ohm transmission lines with no external components.
49
NS_SAS1_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SAS output. Internally
terminated to drive 85ohm transmission lines with no external components.
50
NS_SAS1_Z85T
OUT
True clock of low-power push-pull differential non-spreading SAS output. Internally terminated to
drive 85ohm transmission lines with no external components.
51
AVDD_NS_SAS
PWR 3.3V power for the non-spreading SAS/SRC PLL analog circuits.
52
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
53
CPU0_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
54
CPU0_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
55
CPU1_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
56
CPU1_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
57
VDDCPU
PWR 3.3V power for the CPU outputs and logic
58
GNDCPU
PWR Ground pin for CPU outputs and logic.
59
CPU2_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
60
CPU2_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
61
CPU3_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
62
CPU3_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
63
VDDCPU
PWR 3.3V power for the CPU outputs and logic
64
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com