Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AKILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 932SQL456AKILF
Description  Low-Power CK420BQ Derivative for PCIe
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AKILF Datasheet(HTML) 5 Page - Integrated Device Technology

  932SQL456AKILF Datasheet HTML 1Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 2Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 3Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 4Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 5Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 6Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 7Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 8Page - Integrated Device Technology 932SQL456AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
REVISION B 09/29/15
5
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
64VFQFPN Pin Descriptions (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
39
NS_SAS1_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SAS output. Internally
terminated to drive 85ohm transmission lines with no external components.
40
NS_SAS1_Z85T
OUT
True clock of low-power push-pull differential non-spreading SAS output. Internally terminated to
drive 85ohm transmission lines with no external components.
41
AVDD_NS_SAS
PWR 3.3V power for the non-spreading SAS/SRC PLL analog circuits.
42
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
43
CPU0_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
44
CPU0_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
45
CPU1_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
46
CPU1_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
47
VDDCPU
PWR 3.3V power for the CPU outputs and logic
48
GNDCPU
PWR Ground pin for CPU outputs and logic.
49
CPU2_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
50
CPU2_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
51
CPU3_Z85C
OUT
Complementary clock of low-power push-pull differential CPU output. Internally terminated to
drive 85ohm transmission lines with no external components.
52
CPU3_Z85T
OUT
True clock of low-power push-pull differential CPU output. Internally terminated to drive 85ohm
transmission lines with no external components.
53
VDDCPU
PWR 3.3V power for the CPU outputs and logic
54
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
55
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
56
GND14
PWR Ground pin for 14MHz output and logic.
57
AVDD14
PWR Analog power pin for 14MHz PLL
58
VDD14
PWR Power pin for 14MHz output and logic
59
vREF14_2x/TEST_SELLV
I/O
14.318 MHz reference clock capable of driving 2 loads/ TEST_SEL latched input to enable test
mode. The TEST_SEL input is a low threshold input. See the Electrical Tables and the Test
Clarification Table. This pin has a weak (~120Kohm) internal pull down.
60
GND14
PWR Ground pin for 14MHz output and logic.
61
GNDXTAL
PWR Ground pin for Crystal Oscillator.
62
X1_25
IN
Crystal input, Nominally 25.00MHz.
63
X2_25
OUT Crystal output, Nominally 25.00MHz.
64
VDDXTAL
PWR 3.3V power for the crystal oscillator.
65
EPAD
GND Epad should be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com