Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069424 Datasheet(PDF) 2 Page - SICK AG

Part # 1069424
Description  SENSORS FOR T-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069424 Datasheet(HTML) 2 Page - SICK AG

  1069424 Datasheet HTML 1Page - SICK AG 1069424 Datasheet HTML 2Page - SICK AG 1069424 Datasheet HTML 3Page - SICK AG 1069424 Datasheet HTML 4Page - SICK AG 1069424 Datasheet HTML 5Page - SICK AG 1069424 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT8-2V8-N-KW0 | MZT8 ATEX
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT8-2V8-N-KW0
1069424
Other models and accessories
www.sick.com/MZT8_ATEX
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
24 mm
Output type
NAMUR 1)
Switching frequency
1,000 Hz
Electrical wiring
DC 2-wire
Enclosure rating
IP67 2)
1) According NAMUR EN 60947-5-6. Using of isolated switch amplifier with certificates of conformity for explosion areas is recommended(U ≤ 20 V; I ≤ 60 mA; P ≤
100 mW).
2) According to EN 60529 (IP 67 / IP 68).
Mechanics/electronics
Supply voltage
8.2 V DC ... 20 V DC 1)
Power consumption
≤ 10 mA 2)
Voltage drop
≤ 2.2 V
Continuous current Ia
≤ 60 mA 1)
Ex area category
1G, 1D
Device labeling
II 1G Ex ia IIC T4 Ga, II 1D Ex ia IIIC T135 °C Da
Response sensitivity, typ.
2.8 mT
1) According NAMUR EN 60947-5-6. Using of isolated switch amplifier with certificates of conformity for explosion areas is recommended(U ≤ 20 V; I ≤ 60 mA; P ≤
100 mW).
2) Without load.
3) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com