Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069424 Datasheet(PDF) 3 Page - SICK AG

Part # 1069424
Description  SENSORS FOR T-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069424 Datasheet(HTML) 3 Page - SICK AG

  1069424 Datasheet HTML 1Page - SICK AG 1069424 Datasheet HTML 2Page - SICK AG 1069424 Datasheet HTML 3Page - SICK AG 1069424 Datasheet HTML 4Page - SICK AG 1069424 Datasheet HTML 5Page - SICK AG 1069424 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MZT8-2V8-N-KW0 | MZT8 ATEX
SENSORS FOR T-SLOT CYLINDERS
Overrun distance, typ.
9 mm
Hysteresis, typ.
≤ 0.5 mT
Reproducibility
≤ 0.1 mT 3)
Reverse polarity protection
✔
Short-circuit protection
✔
Power-up pulse protection
✔
Ambient operating temperature
–25 °C ... +80 °C
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
EMC
According to EN 60947-5-2
Housing material
Plastic, PA12
Connection type
Cable, 2-wire, 2 m
Cable material
PVC
Conductor cross-section
0.12 mm²
UL File No.
NRKH.E181493
EC-Type examination certificate
TÜV 14 ATEX 143125
Certificate (IECEx)
IECEx TUN 14.0038
1) According NAMUR EN 60947-5-6. Using of isolated switch amplifier with certificates of conformity for explosion areas is recommended(U ≤ 20 V; I ≤ 60 mA; P ≤
100 mW).
2) Without load.
3) Ub and Ta constant.
Classifications
ECl@ss 5.0
27270104
ECl@ss 5.1.4
27270104
ECl@ss 6.0
27270104
ECl@ss 6.2
27270104
ECl@ss 7.0
27270104
ECl@ss 8.0
27270104
ECl@ss 8.1
27270104
ECl@ss 9.0
27270104
ETIM 5.0
EC002544
ETIM 6.0
EC002544
UNSPSC 16.0901
39122230
Connection diagram
Cd-305
brn
blu
+
–
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com