Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069424 Datasheet(PDF) 4 Page - SICK AG

Part # 1069424
Description  SENSORS FOR T-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069424 Datasheet(HTML) 4 Page - SICK AG

  1069424 Datasheet HTML 1Page - SICK AG 1069424 Datasheet HTML 2Page - SICK AG 1069424 Datasheet HTML 3Page - SICK AG 1069424 Datasheet HTML 4Page - SICK AG 1069424 Datasheet HTML 5Page - SICK AG 1069424 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT8-2V8-N-KW0 | MZT8 ATEX
SENSORS FOR T-SLOT CYLINDERS
Dimensional drawing (Dimensions in mm (inch))
Cable
5
(1.97)
24
(9.45)
1
2
2
4
3
①  Connection
②  Fixing screw
③  Indication LED
④  Position of sensor element; short overrun distance: 2 mm; long overrun distance: 1.7 mm
Recommended accessories
Other models and accessories
www.sick.com/MZT8_ATEX
Brief description
Type
Part no.
Brackets for cylinder sensors
Mounting bracket for cylinder with dovetail slot, Aluminum, without mounting hardware
BEF-KHZ-ST1
2022703
Mounting bracket for integrated profile cylinder/tie-rod cylinder, Zinc diecast, mounting
hardware included
BEF-KHZ-PT1
2022702
1 piece, Mounting bracket on round body cylinder with piston diameter of 12 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-12
2077681
1 piece, Mounting bracket on round body cylinder with piston diameter of 16 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-16
2077680
1 piece, Mounting bracket on round body cylinder with piston diameter of 20 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-20
2077679
1 piece, Mounting bracket on round body cylinder with piston diameter of 25 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-25
2077678
1 piece, Mounting bracket on round body cylinder with piston diameter of 32 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-32
2077677
1 piece, Mounting bracket on round body cylinder with piston diameter of 40 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-40
2077676
1 piece, Mounting bracket on round body cylinder with piston diameter of 50 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-50
2077675
1 piece, Mounting bracket on round body cylinder with piston diameter of 63 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RT-63
2077674
1 piece, Mounting bracket on round body cylinder with piston diameter of 8 mm ...
130 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Zinc cast
BEF-KHZ-RT1-130
2077684
1 piece, Mounting bracket on round body cylinder with piston diameter of 8 mm ...
25 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Zinc cast
BEF-KHZ-RT1-25
2077682
1 piece, Mounting bracket on round body cylinder with piston diameter of 8 mm ...
63 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Zinc cast
BEF-KHZ-RT1-63
2077683
4
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com