Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC16003 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16003
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16003 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button HPC16003 Datasheet HTML 25Page - National Semiconductor (TI) HPC16003 Datasheet HTML 26Page - National Semiconductor (TI) HPC16003 Datasheet HTML 27Page - National Semiconductor (TI) HPC16003 Datasheet HTML 28Page - National Semiconductor (TI) HPC16003 Datasheet HTML 29Page - National Semiconductor (TI) HPC16003 Datasheet HTML 30Page - National Semiconductor (TI) HPC16003 Datasheet HTML 31Page - National Semiconductor (TI) HPC16003 Datasheet HTML 32Page - National Semiconductor (TI) HPC16003 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
HPC Instruction Set Description (Continued)
Mnemonic
Description
Action
BIT INSTRUCTIONS
SBIT
Set bit
1
xMembit
RBIT
Reset bit
0
xMembit
IFBIT
If bit
If Membit is true do next instr
MEMORY TRANSFER INSTRUCTIONS
LD
Load
MemI
xMA
Load incrdecr X
Mem(X)
xA X g1 (or 2)xX
ST
Store to Memory
A
xMem
X
Exchange
A
Mem
Exchange incrdecr X
A
Mem(X) X g1 (or 2)
xX
PUSH
Push Memory to Stack
W
xW(SP) SPa2xSP
POP
Pop Stack to Memory
SPb2
xSP W(SP)xW
LDS
Load A incrdecr B
Mem(B)
xA B g1 (or 2)xB
Skip on condition
Skip next if B greaterless than K
XS
Exchange incrdecr B
Mem(B)
ABg1 (or 2)
xB
Skip on condition
Skip next if B greaterless than K
REGISTER LOAD IMMEDIATE INSTRUCTIONS
LD B
Load B immediate
imm
xB
LD K
Load K immediate
imm
xK
LD X
Load X immediate
imm
xX
LD BK
Load B and K immediate
imm
xBimmxK
ACCUMULATOR AND C INSTRUCTIONS
CLR A
Clear A
0
xA
INC A
Increment A
A a 1
xA
DEC A
Decrement A
A b 1
xA
COMP A
Complement A
1’s complement of A
xA
SWAP A
Swap nibbles of A
A1512
wA118wA74
A30
RRC A
Rotate A right thru C
C
xA15 x
xA0xC
RLC A
Rotate A left thru C
C
wA15 w
wA0wC
SHR A
Shift A right
0
xA15x
xA0xC
SHL A
Shift A left
C
wA15w
wA0w0
SC
Set C
1
xC
RC
Reset C
0
xC
IFC
IF C
Do next if C e 1
IFNC
IF not C
Do next if C e 0
TRANSFER OF CONTROL INSTRUCTIONS
JSRP
Jump subroutine from table
PC
x SP SPa2xSP
W(table )
xPC
JSR
Jump subroutine relative
PC
x SP SPa2xSPPCa xPC
( is a1025 to b1023)
JSRL
Jump subroutine long
PC
x SP SPa2xSPPCa xPC
JP
Jump relative short
PCa
xPC( is a32 to b31)
JMP
Jump relative
PCa
xPC( is a257 to b255)
JMPL
Jump relative long
PCa
xPC
JID
Jump indirect at PC a APCaAa1
xPC
JIDW
then Mem(PC)aPC
xPC
NOP
No Operation
PC a 1
xPC
RET
Return
SPb2
xSP SP xPC
RETSK
Return then skip next
SPb2
xSP SP xPC
skip
RETI
Return from interrupt
SPb2
xSP SP xPC interrupt re-enabled
Note
W is 16-bit word of memory
MA is Accumulator A or direct memory (8 or 16-bit)
Mem is 8-bit byte or 16-bit word of memory
MemI is 8- or 16-bit memory or 8 or 16-bit immediate data
imm is 8-bit or 16-bit immediate data
imm8 is 8-bit immediate data only
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com