Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC16003 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16003
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16003 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button HPC16003 Datasheet HTML 10Page - National Semiconductor (TI) HPC16003 Datasheet HTML 11Page - National Semiconductor (TI) HPC16003 Datasheet HTML 12Page - National Semiconductor (TI) HPC16003 Datasheet HTML 13Page - National Semiconductor (TI) HPC16003 Datasheet HTML 14Page - National Semiconductor (TI) HPC16003 Datasheet HTML 15Page - National Semiconductor (TI) HPC16003 Datasheet HTML 16Page - National Semiconductor (TI) HPC16003 Datasheet HTML 17Page - National Semiconductor (TI) HPC16003 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
PortsAB
The highly flexible A and B ports are similarly structured
The Port A (see
Figure 11 ) consists of a data register and a
direction register Port B (see
Figures 12 13 14 ) has an
alternate function register in addition to the data and direc-
tion registers All the control registers are readwrite regis-
ters
The associated direction registers allow the port pins to be
individually programmed as inputs or outputs Port pins se-
lected as inputs are placed in a TRI-STATE mode by reset-
ting corresponding bits in the direction register
A write operation to a port pin configured as an input causes
the value to be written into the data register a read opera-
tion returns the value of the pin Writing to port pins config-
ured as outputs causes the pins to have the same value
reading the pins returns the value of the data register
Primary and secondary functions are multiplexed onto Port
B through the alternate function register (BFUN) The sec-
ondary functions are enabled by setting the corresponding
bits in the BFUN register
TLDD8801 – 13
FIGURE 11 Port A IO Structure
TLDD8801 – 14
FIGURE 12 Structure of Port B Pins B0 B1 B2 B5 B6 and B7 (Typical Pins)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com