Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC16003 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16003
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16003 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button HPC16003 Datasheet HTML 27Page - National Semiconductor (TI) HPC16003 Datasheet HTML 28Page - National Semiconductor (TI) HPC16003 Datasheet HTML 29Page - National Semiconductor (TI) HPC16003 Datasheet HTML 30Page - National Semiconductor (TI) HPC16003 Datasheet HTML 31Page - National Semiconductor (TI) HPC16003 Datasheet HTML 32Page - National Semiconductor (TI) HPC16003 Datasheet HTML 33Page - National Semiconductor (TI) HPC16003 Datasheet HTML 34Page - National Semiconductor (TI) HPC16003 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Code Efficiency
One of the most important criteria of a single chip microcon-
troller is code efficiency The more efficient the code the
more features that can be put on a chip The memory size
on a chip is fixed so if code is not efficient features may
have to be sacrificed or the programmer may have to buy a
larger more expensive version of the chip
The HPC16083 has been designed to be extremely code-
efficient The HPC16083 looks very good in all the standard
coding benchmarks however it is not realistic to rely only
on benchmarks Many large jobs have been programmed
onto the HPC16083 and the code savings over other popu-
lar microcontrollers has been considerable
Reasons for this saving of code include the following
SINGLE BYTE INSTRUCTIONS
The majority of instructions on the HPC16083 are single-
byte There are two especially code-saving instructions
JP is a 1-byte jump True it can only jump within a range of
plus or minus 32 but many loops and decisions are often
within a small range of program memory Most other micros
need 2-byte instructions for any short jumps
JSRP is a 1-byte call subroutine The user makes a table of
the 16 most frequently called subroutines and these calls
will only take one byte Most other micros require two and
even three bytes to call a subroutine The user does not
have to decide which subroutine addresses to put into the
table the assembler can give this information
EFFICIENT SUBROUTINE CALLS
The 2-byte JSR instructions can call any subroutine within
plus or minus 1k of program memory
MULTIFUNCTION INSTRUCTIONS FOR DATA MOVE-
MENT AND PROGRAM LOOPING
The HPC16083 has single-byte instructions that perform
multiple tasks For example the XS instruction will do the
following
1 Exchange A and memory pointed to by the B register
2 Increment or decrement the B register
3 Compare the B register to the K register
4 Generate a conditional skip if B has passed K
The value of this multipurpose instruction becomes evident
when looping through sequential areas of memory and exit-
ing when the loop is finished
BIT MANIPULATION INSTRUCTIONS
Any bit of memory IO or registers can be set reset or
tested by the single byte bit instructions The bits can be
addressed directly or indirectly Since all registers and IO
are mapped into the memory it is very easy to manipulate
specific bits to do efficient control
DECIMAL ADD AND SUBTRACT
This instruction is needed to interface with the decimal user
world
It can handle both 16-bit words and 8-bit bytes
The 16-bit capability saves code since many variables can
be stored as one piece of data and the programmer does
not have to break his data into two bytes Many applications
store most data in 4-digit variables The HPC16083 supplies
8-bit byte capability for 2-digit variables and literal variables
MULTIPLY AND DIVIDE INSTRUCTIONS
The HPC16083 has 16-bit multiply 16-bit by 16-bit divide
and 32-bit by 16-bit divide instructions This saves both
code and time Multiply and divide can use immediate data
or data from memory The ability to multiply and divide by
immediate data saves code since this function is often
needed for scaling base conversion computing indexes of
arrays etc
Development Support
HPC MICROCONTROLLER DEVELOPMENT SYSTEM
National Semiconductor’s HPC microcontroller develop-
ment is supported through a combination of third party hard-
ware and software coupled with NSC in-house developed
software consisting of compilers assemblers linkers cross
converters and debuggers The code modules can then be
transferred to many EPROM programming systems
CUSTOMER SUPPORT
National Semiconductor’s Customer Response Center
(CRC) provides samples literature prices product informa-
tion The CRC’s engineering staff is prepared to answer
questions regarding specific design and application ques-
tions regarding specific design and application questions
Call any weekday 700 AM to 700 PM central time (US) to
1-800-272-9959 or contact your regional business center
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com