Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS692LSH Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS692LSH
Description  Two-wire, pulse width output protocol
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS692LSH Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS692LSH Datasheet HTML 1Page - Allegro MicroSystems ATS692LSH Datasheet HTML 2Page - Allegro MicroSystems ATS692LSH Datasheet HTML 3Page - Allegro MicroSystems ATS692LSH Datasheet HTML 4Page - Allegro MicroSystems ATS692LSH Datasheet HTML 5Page - Allegro MicroSystems ATS692LSH Datasheet HTML 6Page - Allegro MicroSystems ATS692LSH Datasheet HTML 7Page - Allegro MicroSystems ATS692LSH Datasheet HTML 8Page - Allegro MicroSystems ATS692LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Two-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS692LSH(RSNPH)
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS (continued) Valid at throughout full operating and temperature ranges; using Reference Target
60-0; unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Input Magnetic Characteristics
Allowable Differential Sequential
Signal Variation7
BSEQ(n+1) /
BSEQ(n)
Signal cycle-to-cycle variation (see figure 2)
0.6
–
–
–
Calibration
First Direction Output Pulse8
Amount of target rotation
(constant direction) following
power-on until first electrical
output pulse of either tw(FWD)
or tw(REV), see figure 1
AG ≥ 0.5 mm
AG < 2.25 mm
–
2 ×
TTARGET
< 3 ×
TTARGET
deg.
AG ≥ 2.25 mm
AG ≤ 2.75 mm
–
2.5 ×
TTARGET
< 4 ×
TTARGET
deg.
First Direction Pulse Output Following
Direction Change
NCD
Amount of target rotation (constant direction)
following event until first electrical output pulse
of either tw(FWD) or tw(REV), see figure 1
1 ×
TTARGET
2 ×
TTARGET
< 3 ×
TTARGET
deg.
First Direction Pulse Output Following
Running Mode Vibration
Amount of target rotation (constant direction)
following event until first electrical output pulse
of either tw(FWD) or tw(REV), see figure 1
1 ×
TTARGET
2 ×
TTARGET
< 3 ×
TTARGET
deg.
1Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
4Sustained voltages beyond the clamp voltage may cause permanent damage to the IC.
5Load circuit is RL = 100 Ω and CL = 10 pF. Pulse duration measured at a threshold of (ICC(HIGH) + ICC(LOW)) / 2.
6Maximums of both Operating Frequency (Reverse Rotation) and Operating Frequency (Non-Direction Pulses) are determined by satisfactory
separation of output pulses: ICC(LOW) of tw(FWD)(min). If the customer can resolve lower low-state durations, maximum fREV and fND may be increased.
7If the minimum signal phase separation is not maintained during or after a signal variation event, output may be blanked or non-direction pulses may
occur. A signal variation event during power-on may increase the quantity of edges required to get correct direction pulses.
8Power-on frequency ≤ 200 Hz. Higher power-on frequencies may require more input magnetic cycles until directional output pulses are achieved.
VPROC
Target
TVPROC
VPROC = the processed analog signal of the sinusoidal magnetic input (per channel)
TTARGET = period between successive sensed target mechanical edges of the same
orientation (either both rising or both falling)
TTARGET
Valley
Tooth
Figure 1. Definition of TTARGET
Figure 2. Differential signal variation
BSEQ(n+1)
BSEQ(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com